Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8850 Datasheet(PDF) 10 Page - Wolfson Microelectronics plc

Part # WM8850
Description  Multi-Channel High Definition Audio CODEC
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8850 Datasheet(HTML) 10 Page - Wolfson Microelectronics plc

Back Button WM8850 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8850 Datasheet HTML 14Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 223 page
background image
WM8850
Pre-Production
w
PP, April 2011, Rev 3.2
10
PIN DESCRIPTION
PIN NO
NAME
TYPE
DESCRIPTION
1
VIN1LP
Analogue input
Left channel 1 positive input
2
VIN1LN
Analogue input
Left channel 1 negative input
3
VIN1RP
Analogue input
Right channel 1 positive input
4
VIN1RN
Analogue input
Right channel 1 negative input
5
VIN2LP
Analogue input
Left channel 2 positive input
6
VIN2LN
Analogue input
Left channel 2 negative input
7
VIN2RP
Analogue input
Right channel 2 positive input
8
VIN2RN
Analogue input
Right channel 2 negative input
9
MICBIAS
Analogue output
Microphone bias output
10
GPIO1
Digital input / output
General purpose digital input/output 1
11
GPIO2
Digital input / output
General purpose digital input/output 2
12
SPDIFIN
Digital input
S/PDIF Input
13
/RESET
Digital input
Global reset (active low)
14
SYNC
Digital input
HDA frame sync, 48kHz
15
SDO
Digital input
Serial data output from HDA controller
16
BCLK
Digital input
HDA Link bit clock, 24MHz
17
SDI
Digital input / output
Serial data input to HDA controller
18
SPDIFOUT1
Digital output
S/PDIF output 1
19
DBVDD
Supply input
Digital buffer supply input
20
DGND
Supply input
Digital ground (return for DBVDD and DCVDD)
21
DCVDD
Supply input
Digital core supply input
22
DMICCLK
Digital output
Digital microphone clock output
23
DMICDAT1
Digital input
Digital microphone data input 1
24
DMICDAT2/
SPDIFOUT2
Digital input / output
Digital microphone data input 2 /
S/PDIF output 2
25
VOUT3RN
Analogue output
Right channel 3 negative output
26
VOUT3RP
Analogue output
Right channel 3 positive output
27
VOUT3LN
Analogue output
Left channel 3 negative output
28
VOUT3LP
Analogue output
Left channel 3 positive output
29
VOUT2RN
Analogue output
Right channel 2 negative output
30
VOUT2RP
Analogue output
Right channel 2 positive output
31
VOUT2LN
Analogue output
Left channel 2 negative output
32
VOUT2LP
Analogue output
Left channel 2 positive output
33
VOUT1R
Analogue output
Right channel 1 output
34
VOUT1L
Analogue output
Left channel 1 output
35
HPVSS
Supply output
Charge pump negative supply decoupling point
36
HPVDD
Supply output
Charge pump positive supply decoupling point
37
CFB2
Analogue output
Charge pump flyback capacitor pin 2
38
HPGND
Supply input
Charge pump ground (return path for HPVDD and HPVSS)
39
CFB1
Analogue output
Charge pump flyback capacitor pin 1
40
CPCAP
Supply output
Internally generated regulated charge pump supply decoupling point
41
CPVDD
Supply input
Charge pump supply input
42
AGND
Supply input
Analogue ground (return path for AVDD and CPVDD)
43
AVDD
Supply input
Analogue supply input
44
VREFP
Analogue output
Analogue positive reference decoupling point
45
VMID
Analogue output
Midrail voltage decoupling point
46
VREFN
Analogue output
Analogue negative reference decoupling point
47
JACKDET1
Analogue output
Jack detect sense 1
48
JACKDET2
Analogue output
Jack detect sense 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com