Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 34 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 30Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 31Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 32Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 33Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 34Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 35Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 36Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 37Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
34
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
1
RESET_HW
0
Most recent ON event type
0 = Not caused by Hardware
Reset
1 = Caused by Hardware Reset
0
RESET_WDOG
0
Most recent ON event type
0 = Not caused by the Watchdog
1 = Caused by a Device Reset
triggered by the Watchdog timer
R16399
(400Fh)
OFF Source
13
OFF_INTLDO_ERR
0
Most recent OFF event type
0 = Not caused by LDO13 Error
condition
1 = Caused by LDO13 Error
condition
12
OFF_PWR_SEQ
0
Most recent OFF event type
0 = Not caused by Power
Sequence Failure
1 = Caused by a Power Sequence
Failure
11
OFF_GPIO
0
Most recent OFF event type
0 = Not caused by GPIO input
1 = Caused by GPIO input
10
OFF_PVDD
0
Most recent OFF event type
0 = Not caused by PVDD
1 = Caused by the SYSLO or
SHUTDOWN threshold
9
OFF_THERR
0
Most recent OFF event type
0 = Not caused by temperature
1 = Caused by over-temperature
6
OFF_SW_REQ
0
Most recent OFF event type
0 = Not caused by software OFF
1 = Caused by software OFF
command (CHIP_ON = 0)
4
OFF_ON_PIN
0
Most recent OFF event type
0 = Not caused by the ON pin
1 = Caused by the ON pin
Table 2 Power State Control Registers
Table 3 lists all of the events which can trigger an ON, WAKE, OFF or SLEEP transition sequence. It
also lists the associated status bits of the ‘ON Source’ and ‘OFF Source’ register bits which are
asserted under each condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com