Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 70 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 70 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 66Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 67Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 68Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 69Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 70Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 71Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 72Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 73Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 74Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
70
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16470 (4056h)
DC1 Control 1
15:14
DC1_RATE
[1:0]
10
DC-DC1 Voltage Ramp rate
00 = 1 step every 32us
01 = 1 step every 16us
10 = 1 step every 8us
11 = Immediate voltage change
12
DC1_PHASE
0
DC-DC1 Clock Phase Control
0 = Normal
1 = Inverted
9:8
DC1_FREQ
[1:0]
00
DC-DC1 Switching Frequency
00 = Reserved
01 = 2.0MHz (2.2uH output inductor)
10 = 4.0MHz (1uH output inductor)
11 = Reserved
This field can only be written to by
loading configuration settings from
OTP/ICE. In all other cases, this field
is Read Only.
7
DC1_FLT
0
DC-DC1 Output float
0 = DC-DC1 output discharged when
disabled
1 = DC-DC1 output floating when
disabled
5:4
DC1_SOFT_
START [1:0]
00
DC-DC1 Soft-Start Control
(Duration in each of the 8 startup
current limiting steps.)
00 = 32us steps
01 = 64us steps
10 = 128us steps
11 = 256us steps
1:0
DC1_CAP
[1:0]
00
DC-DC1 Output Capacitor
00 = Reserved
01 = Reserved
10 = 22uF to 47uF
11 = Reserved
This field can only be written to by
loading configuration settings from
OTP/ICE. In all other cases, this field
is Read Only.
R16471 (4057h)
DC1 Control 2
15:14
DC1_ERR_A
CT [1:0]
00
DC-DC1 Error Action (Undervoltage)
00 = Ignore
01 = Shut down converter
10 = Shut down system (Device
Reset)
11 = Reserved
Note that an Interrupt is always
raised.
12:11
DC1_HWC_
SRC [1:0]
00
DC-DC1 Hardware Control Source
00 = Disabled
01 = Hardware Control 1
10 = Hardware Control 2
11 = Hardware Control 1 or 2
10
DC1_HWC_
VSEL
0
DC-DC1 Hardware Control Voltage
select
0 = Set by DC1_ON_VSEL
1 = Set by DC1_SLP_VSEL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com