Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 99 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 99 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 95Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 96Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 97Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 98Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 99Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 100Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 101Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
99
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
5:0
AUX_RATE [5:0]
00_0000
AUXADC Conversion Rate
0 = Manual
1 = 2 samples/s
2 = 4 samples/s
3 = 6 samples/s
…
31 = 62 samples/s
32 = Reserved
33 = 16 samples/s
34 = 32 samples/s
35 = 48 samples/s
…
63 = 496 samples/s
R16431
(402Fh)
AuxADC
Source
6
AUX_PVDD_SEL
0
AUXADC PVDD input select
0 = Disable PVDD measurement
1 = Enable PVDD measurement
4
AUX_CHIP_TEM
P_SEL
0
AUXADC Chip Temp input select
0 = Disable Chip Temp measurement
1 = Enable Chip Temp measurement
2
AUX_GPIO12_SE
L
0
AUXADC GPIO12 input select
0 = Disable GPIO12 measurement
1 = Enable GPIO12 measurement
1
AUX_GPIO11_SE
L
0
AUXADC GPIO11 input select
0 = Disable GPIO11 measurement
1 = Enable GPIO11 measurement
0
AUX_GPIO10_SE
L
0
AUXADC GPIO10 input select
0 = Disable GPIO10 measurement
1 = Enable GPIO10 measurement
Table 45 AUXADC Control
18.3 AUXADC READBACK
Measured data from the AUXADC is read via the AuxADC Data Register (R16429), which contains
two fields. The AUXADC Data Source is indicated in the AUX_DATA_SRC field; the associated
measurement data is contained in the AUX_DATA field.
Reading from the AuxADC Data Register returns a 12-bit code which represents the most recent
AUXADC measurement on the associated channel. It should be noted that every time an AUXADC
measurement is written to the AuxADC Data Register, the previous data is overwritten - the host
processor should ensure that data is read from this register before it is overwritten. The AUXADC
interrupts can be used to indicate when new data is available - see Section 18.5.
The 12-bit AUX_DATA field can be equated to the actual voltage (or temperature) according to the
following equations, where AUX_DATA is regarded as an unsigned integer:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com