Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 106 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 106 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 102Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 103Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 104Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 105Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 106Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 107Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 108Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 109Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 110Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
106
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16416
(4020h)
RTC Write
Counter
15:0
RTC_WR_CNT
0000h
RTC Write Counter.
This random number is updated on
every write to the RTC_TIME
registers.
R16417
(4021h)
RTC Time 1
15:0
RTC_TIME
[31:16]
0000h
RTC Seconds counter (MSW)
RTC_TIME increments by 1 every
second. This is the 16 MSBs.
R16418
(4022h)
RTC Time 2
15:0
RTC_TIME [15:0]
0000h
RTC Seconds counter (LSW)
RTC_TIME increments by 1 every
second. This is the 16 LSBs.
R16419
(4023h)
RTC Alarm 1
15:0
RTC_ALM [31:16]
0000h
RTC Alarm time (MSW)
16 MSBs of RTC_ALM
R16420
(4024h)
RTC Alarm 2
15:0
RTC_ALM [15:0]
0000h
RTC Alarm time (LSW)
16 LSBs of RTC_ALM
R16421
(4025h)
RTC Control
15
RTC_VALID
0
RTC Valid status
0 = RTC_TIME has not been set
since Power On Reset
1 = RTC_TIME has been written to
since Power On Reset
14
RTC_SYNC_BUS
Y
0
RTC Busy status
0 = Normal
1 = Busy
The RTC registers should not be
written to when RTC_SYNC_BUSY =
1.
10
RTC_ALM_ENA
0
RTC Alarm Enable
0 = Disabled
1 = Enabled
R16422
(4026h)
RTC Trim
9:0
RTC_TRIM
000h
RTC frequency trim. Value is a 10bit
fixed point <4,6> 2’s complement
number. MSB Scaling = -8Hz.
The register indicates the error (in
Hz) with respect to the ideal
32768Hz) of the input crystal
frequency.
Protected by user key
Table 49 Real Time Clock (RTC) Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com