Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 114 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 114 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 110Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 111Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 112Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 113Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 114Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 115Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 116Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 117Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 118Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
114
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
Control
R16450
(4042h)
GPIO11
Control
11
GP11_PWR_D
OM
0
GPIO11 Power Domain select
0 = DBVDD
1 = PVDD
R16451
(4043h)
GPIO12
Control
11
GP12_PWR_D
OM
0
GPIO12 Power Domain select
0 = DBVDD
1 = PVDD
Table 56 GPIO Power Domain Registers
The function of each GPIO is controlled using the GPn_FN registers defined in Table 57. Note that
the selected function also depends on the associated GPn_DIR field described in Table 54.
See also Section 21.2 for additional details of each GPIO function, including the applicable de-bounce
times for GPIO input functions.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16440
(4038h)
GPIO1 Control
3:0
GP1_FN [3:0]
0000
Input functions:
0h = GPIO input (long de-bounce)
1h = GPIO input
2h = Power On/Off request
3h = Sleep/Wake request
4h = Sleep/Wake request (long de-
bounce)
5h = Sleep request
6h = Power On request
7h = Watchdog Reset input
8h = DVS1 input
9h = DVS2 input
Ah = HW Enable1 input
Bh = HW Enable2 input
Ch = HW Control1 input
Dh = HW Control2 input
Eh = HW Control1 input (long de-
bounce)
Fh = HW Control2 input (long de-
bounce)
Output functions:
0h = GPIO output
1h = 32.768kHz oscillator output
2h = ON state
3h = SLEEP state
4h = Power State Change
5h = Reserved
6h = Reserved
7h = Reserved
8h = DC1 DVS Done
9h = DC2 DVS Done
Ah = External Power Enable1
Bh = External Power Enable2
Ch = System Supply Good (SYSOK)
Dh = Converter Power Good
(PWR_GOOD)
Eh = External Power Clock (2MHz)
Fh = Auxiliary Reset
R16441
(4039h)
GPIO2 Control
3:0
GP2_FN [3:0]
0000
R16442
(403Ah)
GPIO3 Control
3:0
GP3_FN [3:0]
0000
R16443
(403Bh)
GPIO4 Control
3:0
GP4_FN [3:0]
0000
R16444
(403Ch)
GPIO5 Control
3:0
GP5_FN [3:0]
0000
R16445
(403Dh)
GPIO6 Control
3:0
GP6_FN [3:0]
0000
R16446
(403Eh)
GPIO7 Control
3:0
GP7_FN [3:0]
0000
R16447
(403Fh)
GPIO8 Control
3:0
GP8_FN [3:0]
0000
R16448
(4040h)
GPIO9 Control
3:0
GP9_FN [3:0]
0000
R16449
(4041h)
GPIO10
Control
3:0
GP10_FN [3:0]
0000
R16450
(4042h)
GPIO11
Control
3:0
GP11_FN [3:0]
0000
R16451
(4043h)
GPIO12
Control
3:0
GP12_FN [3:0]
0000
Table 57 GPIO Function Select Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com