Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 131 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 131 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 127Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 128Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 129Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 130Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 131Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 132Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 133Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 134Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 135Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
131
24.2 HARDWARE RESET
A Hardware Reset is triggered when an external source pulls the RESET
¯¯¯¯¯¯ pin low. Under this
condition, the WM8326 transitions to the OFF state. The contents of the Register map are cleared to
default values, except for the RTC and software scratch registers, which are maintained. The
WM8326 will then automatically schedule an ON state transition to resume normal operation.
If the external source continues to pull the RESET
¯¯¯¯¯¯ pin low, then the WM8326 cannot fully complete
the ON state transition following the Hardware Reset. In this case, the WM8326 will mask the external
reset for up to 32 seconds. If the RESET
¯¯¯¯¯¯ pin is released (ie. it returns to logic ‘1’) during this time,
then the ON state transition is completed and the Hardware Reset input is valid again from this point.
If the RESET
¯¯¯¯¯¯ pin is not released, then the WM8326 will force an OFF condition on expiry of the 32
seconds timeout. Recovery from this forced OFF condition cannot occur until the external reset
condition is de-asserted, followed by a valid ON event. If an ON event occurs before the external
reset is de-asserted, then start-up will be attempted, but the transition will be unsuccessful, causing a
return to the OFF state.
It is possible to mask the RESET
¯¯¯¯¯¯ pin input in the SLEEP state by setting the RST_SLP_MSK register
bit as described in Section 11.7.
24.3 SOFTWARE RESET
A Software Reset is triggered by writing to Register 0000h, as described in Section 12.5. In this event,
the WM8326 asserts the RESET
¯¯¯¯¯¯ pin and transitions to the OFF state. If the Reset occurred in the ON
state, then the WM8326 will automatically return to the ON state following the Reset.
The SWRST_DLY register field determines whether a time delay is applied between the Software
Reset command and the resultant shutdown and start-up sequences. When the SWRST_DLY bit is
set, the programmable time delay PWRSTATE_DLY is applied before commencing the shutdown
sequence.
The timing of the Software Reset is illustrated in Figure 25. See Section 11.3 for a definition of the
PWRSTATE_DLY register.
The SW_RESET_CFG register field determines if the Register Map is reset under a Software Reset
condition.
Note that the SW_RESET_CFG control register is locked by the WM8326 User Key. This register can
only be changed by writing the appropriate code to the Security register, as described in Section 12.4.
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16387
(4003h)
Power State
9
SWRST_DLY
0
Software Reset Delay
0 = No delay
1 = Software Reset is delayed by
PWRSTATE_DLY following the Software
Reset command
R16390
(4006h)
Reset
Control
10
SW_RESET_C
FG
1
Software Reset Configuration.
Selects whether the register map is reset to
default values when Software Reset occurs.
0 = All registers except RTC and Software
Scratch registers are reset by Software
Reset
1 = Register Map is not affected by Software
Reset
Protected by user key
Table 77 Software Reset Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com