Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 156 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 156 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 152Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 153Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 154Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 155Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 156Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 157Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 158Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 159Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 160Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
156
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
1 = Interrupt is asserted
1
HC_INT
0
High Current primary interrupt
0 = No interrupt
1 = Interrupt is asserted
0
UV_INT
0
Undervoltage primary interrupt
0 = No interrupt
1 = Interrupt is asserted
Register 4010h System Interrupts
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16401
(4011h)
Interrupt
Status 1
15
PPM_SYSLO_
EINT
0
Power Path SYSLO interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
12
ON_PIN_CINT
0
ON pin interrupt.
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
11
WDOG_TO_EI
NT
0
Watchdog timeout interrupt.
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
8
AUXADC_DAT
A_EINT
0
AUXADC Data Ready interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
7
AUXADC_DCO
MP4_EINT
0
AUXADC Digital Comparator 4 interrupt
(Trigger is controlled by DCMP4_GT)
Note: Cleared when a ‘1’ is written.
6
AUXADC_DCO
MP3_EINT
0
AUXADC Digital Comparator 3 interrupt
(Trigger is controlled by DCMP3_GT)
Note: Cleared when a ‘1’ is written.
5
AUXADC_DCO
MP2_EINT
0
AUXADC Digital Comparator 2 interrupt
(Trigger is controlled by DCMP2_GT)
Note: Cleared when a ‘1’ is written.
4
AUXADC_DCO
MP1_EINT
0
AUXADC Digital Comparator 1 interrupt
(Trigger is controlled by DCMP1_GT)
Note: Cleared when a ‘1’ is written.
3
RTC_PER_EIN
T
0
RTC Periodic interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
2
RTC_ALM_EIN
T
0
RTC Alarm interrupt
(Rising Edge triggered)
Note: Cleared when a ‘1’ is written.
1
TEMP_THW_C
INT
0
Thermal Warning interrupt
(Rising and Falling Edge triggered)
Note: Cleared when a ‘1’ is written.
Register 4011h Interrupt Status 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com