Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 167 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 167 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 163Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 164Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 165Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 166Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 167Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 168Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 169Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 170Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 171Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 255 page
background image
Production Data
WM8326
w
PD, June 2012, Rev 4.0
167
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16431
(402Fh)
AuxADC
Source
6
AUX_PVDD_S
EL
0
AUXADC PVDD input select
0 = Disable PVDD measurement
1 = Enable PVDD measurement
4
AUX_CHIP_TE
MP_SEL
0
AUXADC Chip Temp input select
0 = Disable Chip Temp measurement
1 = Enable Chip Temp measurement
2
AUX_GPIO12_
SEL
0
AUXADC GPIO12 input select
0 = Disable GPIO12 measurement
1 = Enable GPIO12 measurement
1
AUX_GPIO11_
SEL
0
AUXADC GPIO11 input select
0 = Disable GPIO11 measurement
1 = Enable GPIO11 measurement
0
AUX_GPIO10_
SEL
0
AUXADC GPIO10 input select
0 = Disable GPIO10 measurement
1 = Enable GPIO10 measurement
Register 402Fh AuxADC Source
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16432
(4030h)
Comparator
Control
11
DCOMP4_STS
0
Digital Comparator 4 status
0 = Comparator 4 threshold not detected
1 = Comparator 4 threshold detected
(Trigger is controlled by DCMP4_GT)
10
DCOMP3_STS
0
Digital Comparator 3 status
0 = Comparator 3 threshold not detected
1 = Comparator 3 threshold detected
(Trigger is controlled by DCMP3_GT)
9
DCOMP2_STS
0
Digital Comparator 2 status
0 = Comparator 2 threshold not detected
1 = Comparator 2 threshold detected
(Trigger is controlled by DCMP2_GT)
8
DCOMP1_STS
0
Digital Comparator 1 status
0 = Comparator 1 threshold not detected
1 = Comparator 1 threshold detected
(Trigger is controlled by DCMP1_GT)
3
DCMP4_ENA
0
Digital Comparator 4 Enable
0 = Disabled
1 = Enabled
2
DCMP3_ENA
0
Digital Comparator 3 Enable
0 = Disabled
1 = Enabled
1
DCMP2_ENA
0
Digital Comparator 2 Enable
0 = Disabled
1 = Enabled
0
DCMP1_ENA
0
Digital Comparator 1 Enable
0 = Disabled
1 = Enabled
Register 4030h Comparator Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com