Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8326GEFL/V Datasheet(PDF) 178 Page - Wolfson Microelectronics plc

Part # WM8326GEFL/V
Description  Processor Power Management Subsystem
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8326GEFL/V Datasheet(HTML) 178 Page - Wolfson Microelectronics plc

Back Button WM8326GEFL/V Datasheet HTML 174Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 175Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 176Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 177Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 178Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 179Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 180Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 181Page - Wolfson Microelectronics plc WM8326GEFL/V Datasheet HTML 182Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 255 page
background image
WM8326
Production Data
w
PD, June 2012, Rev 4.0
178
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
8 = DC-DC1 DVS Done
9 = DC-DC2 DVS Done
10 = External Power Enable1
11 = External Power Enable2
12 = System Supply Good (SYSOK)
13 = Converter Power Good (PWR_GOOD)
14 = External Power Clock (2MHz)
15 = Auxiliary Reset
Register 403Eh GPIO7 Control
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
REFER TO
R16447
(403Fh)
GPIO8
Control
15
GP8_DIR
1
GPIO8 pin direction
0 = Output
1 = Input
14:13
GP8_PULL
[1:0]
01
GPIO8 Pull-Up / Pull-Down configuration
00 = No pull resistor
01 = Pull-down enabled
10 = Pull-up enabled
11 = Reserved
12
GP8_INT_MOD
E
0
GPIO8 Interrupt Mode
0 = GPIO interrupt is rising edge triggered (if
GP8_POL=1) or falling edge triggered (if GP8_POL=0)
1 = GPIO interrupt is triggered on rising and falling
edges
11
GP8_PWR_DO
M
0
GPIO8 Power Domain select
0 = DBVDD
1 = PMICVDD (LDO12)
10
GP8_POL
1
GPIO8 Polarity select
0 = Inverted (active low)
1 = Non-Inverted (active high)
9
GP8_OD
0
GPIO8 Output pin configuration
0 = CMOS
1 = Open Drain
7
GP8_ENA
0
GPIO8 Enable control
0 = GPIO pin is tri-stated
1 = Normal operation
3:0
GP8_FN [3:0]
0000
GPIO8 Pin Function
Input functions:
0 = GPIO input (long de-bounce)
1 = GPIO input
2 = Power On/Off request
3 = Sleep/Wake request
4 = Sleep/Wake request (long de-bounce)
5 = Sleep request
6 = Power On request
7 = Watchdog Reset input
8 = DVS1 input
9 = DVS2 input
10 = HW Enable1 input
11 = HW Enable2 input
12 = HW Control1 input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com