Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD1005VLQ64 Datasheet(PDF) 77 Page - Freescale Semiconductor, Inc

Part # MPXD1005VLQ64
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD1005VLQ64 Datasheet(HTML) 77 Page - Freescale Semiconductor, Inc

Back Button MPXD1005VLQ64 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 81Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
77
3.8.3
I/O output DC characteristics
The following tables provide DC characteristics for bidirectional pads:
•
Table 29 provides weak pull figures. Both pull-up and pull-down resistances are supported.
•
Table 30 provides output driver characteristics for I/O pads when in SLOW configuration.
•
Table 31 provides output driver characteristics for I/O pads when in MEDIUM configuration
(applies to both M1 and M2 type pads).
•
Table 32 provides output driver characteristics for I/O pads when in FAST configuration.
•
Table 33 provides SMD pad characteristics.
ILKG CC P Input leakage current
—
–1
—
1
A
TA = -40°C
—
2
—
nA
TA = 25°C
—
2
—
nA
CTA = 105°C
—
12
500
nA
PTJ = 150°C
—
70
1000
nA
RON CC D Resistance of the analog switch inside the J
pad type2
Supply range
3.3–5 V
——
1
k
NOTES:
1 V
DD = 3.3 V  10% / 5.0 V  10%, TA = 40 to 105 °C.
2 Applies to the J pad type only.
Table 29. I/O pull-up/pull-down DC electrical characteristics 1
NOTES:
1 The pull currents are dependent on the HVE settings.
Symbol
C
Parameter
Conditions2
2 V
DD = 3.3 V  10% / 5.0 V  10%, TA = 40 to 125 °C, unless otherwise specified.
Value
Unit
Min
Typ
Max
|IWPU| CC P Weak pull-up current absolute
value
VIN = VIL, VDD = 5.0V 10% PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 13
3 The configuration PAD3V5 = 1 when V
DD = 5 V is only a transient configuration during power-up. All pads but
RESET and Nexus output (MDOx, EVTO, MCKO) are configured in input or in high impedance state.
10
—
250
PVIN = VIL, VDD = 3.3V 10% PAD3V5V = 1
10
—
150
|IWPD| CC P Weak pull-down current abso-
lute value
VIN = VIL, VDD = 5.0V 10% PAD3V5V = 0
10
—
150
µA
C
PAD3V5V = 1
10
—
250
PVIN = VIL, VDD = 3.3V 10% PAD3V5V = 1
10
—
150
Table 28. I/O input DC electrical characteristics (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com