Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD1005VLQ64 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPXD1005VLQ64
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD1005VLQ64 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPXD1005VLQ64 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 130 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: PXD10
Rev. 1, 09/2011
PXD10
416 TEPBGA
27 mm x 27 mm
176 LQFP
24 mm x 24 mm
208 LQFP
28 mm x 28 mm
© Freescale Semiconductor, Inc., 2011. All rights reserved.
The PXD10 family represents a new generation of
32-bit microcontrollers based on the Power
Architecture®. These devices provide a
cost-effective, single chip display solution for the
industrial market. An integrated TFT driver with
digital video input ability from an external video
source, significant on-chip memory, and low power
design methodologies provide flexibility and
reliability in meeting display demands in rugged
environments. The advanced processor core offers
high performance processing optimized for low
power consumption, operating at speeds as high as
64 MHz. The family itself is fully scalable from
512 KB to 1 MB internal flash memory. The
memory capacity can be further expanded via the
on-chip QuadSPI serial flash controller module.
The PXD10 family platform has a single level of
memory hierarchy supporting on-chip SRAM and
flash memories. The 1 MB flash version features
160 KB of on-chip graphics SRAM to buffer cost
effective color TFT displays driven via the on-chip
Display Control Unit (DCU). See Table 1 for
specific memory size and feature sets of the product
family members.
The PXD10 family benefits from the extensive
development infrastructure for Power Architecture
devices, which is already well established. This
includes full support from available software
drivers, operating systems, and configuration code
to assist with users’ implementations. See
Section 3, Developer support, for more
information.
PXD10 Microcontroller Data
Sheet
1
Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.1
Document overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.2
Description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.3
Device comparison . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
1.4
PXD10 series blocks . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
1.5
PXD10 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
1.6
Details . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
2
Pinout and signal descriptions . . . . . . . . . . . . . . . . . . . . . . . 27
2.1
144 LQFP package pinouts . . . . . . . . . . . . . . . . . . . . . 27
2.2
176 LQFP package pinout . . . . . . . . . . . . . . . . . . . . . . 29
2.3
Pad configuration during reset phases . . . . . . . . . . . . . 30
2.4
Voltage supply pins. . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
2.5
Pad types . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
2.6
System pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
2.7
Debug pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
2.8
Port pin summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
3
Electrical characteristics. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
3.1
Introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
3.2
Parameter classification . . . . . . . . . . . . . . . . . . . . . . . . 55
3.3
NVUSRO register . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 56
3.4
Absolute maximum ratings . . . . . . . . . . . . . . . . . . . . . . 57
3.5
Thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . 62
3.6
Electromagnetic compatibility (EMC) characteristics . . 65
3.7
Power management electrical characteristics . . . . . . . 67
3.8
I/O pad electrical characteristics . . . . . . . . . . . . . . . . . 75
3.9
SSD specifications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 84
3.10 RESET electrical characteristics . . . . . . . . . . . . . . . . . 84
3.11
Fast external crystal oscillator (4–16 MHz) electrical characteristics87
3.12
Slow external crystal oscillator (32 KHz) electrical characteristics89
3.13
FMPLL electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . 91
3.14
Fast internal RC oscillator (16 MHz) electrical characteristics 92
3.15
Slow internal RC oscillator (128 kHz) electrical characteristics92
3.16 Flash memory electrical characteristics . . . . . . . . . . . . 93
3.17 ADC electrical characteristics. . . . . . . . . . . . . . . . . . . . 94
3.18 LCD driver electrical characteristics . . . . . . . . . . . . . . 101
3.19 Pad AC specifications. . . . . . . . . . . . . . . . . . . . . . . . . 102
3.20 AC timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 104
4
Package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . 122
4.1
144 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 122
4.2
176 LQFP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 126
5
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 129
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 130


Similar Part No. - MPXD1005VLQ64

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXD1005VLQ64 FREESCALE-MPXD1005VLQ64 Datasheet
128Kb / 26P
32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
MPXD1005VLQ64R FREESCALE-MPXD1005VLQ64R Datasheet
128Kb / 26P
32-bit Power Architecture짰 Microcontrollers for Entry Level Display Solutions
More results

Similar Description - MPXD1005VLQ64

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
Microcontroller
logo
Freescale Semiconductor...
PXD10RM FREESCALE-PXD10RM Datasheet
5Mb / 1332P
PXD10 Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
Microcontroller
LM4F111B2QR TI1-LM4F111B2QR Datasheet
5Mb / 1113P
Microcontroller
LM4F111E5QR TI1-LM4F111E5QR Datasheet
5Mb / 1114P
Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
Microcontroller
LM3S1110 TI1-LM3S1110 Datasheet
4Mb / 539P
Microcontroller
logo
Renesas Technology Corp
S5D9 RENESAS-S5D9 Datasheet
2Mb / 115P
Microcontroller
logo
List of Unclassifed Man...
N79E855 ETC2-N79E855 Datasheet
3Mb / 180P
Microcontroller
W567BXXX ETC2-W567BXXX Datasheet
494Kb / 13P
microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com