Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD1005VLQ64 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # MPXD1005VLQ64
Description  PXD10 Microcontroller
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD1005VLQ64 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button MPXD1005VLQ64 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 86Page - Freescale Semiconductor, Inc MPXD1005VLQ64 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 130 page
background image
Electrical characteristics
PXD10 Microcontroller Data Sheet, Rev. 1
Freescale Semiconductor
83
IRMSMED CC D Root mean square I/O current for
MEDIUM configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ±10%, PAD3V5V = 0
——
6.6
mA
DCL = 25 pF, 4 MHz
VDD = 5.0 V ±10%, PAD3V5V = 0
——
13.4
DCL = 100 pF, 2 MHz
VDD = 5.0 V ±10%, PAD3V5V = 0
——
18.3
DCL = 25 pF, 2 MHz
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
5.0
DCL = 25 pF, 4 MHz
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
8.5
DCL = 100 pF, 2 MHz
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
11.0
IRMSFST
CC D Root mean square I/O current for
FAST configuration
CL = 25 pF, 2 MHz
VDD = 5.0 V ± 10%, PAD3V5V = 0
——
22.0
mA
DCL = 25 pF, 4 MHz
VDD = 5.0 V ± 10%, PAD3V5V = 0
——
33.0
DCL = 100 pF, 2 MHz
VDD = 5.0 V ± 10%, PAD3V5V = 0
——
56.0
DCL = 25 pF, 2 MHz
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
14.0
DCL = 25 pF, 4 MHz
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
20.0
DCL = 100 pF, 2 MHz
VDD = 3.3 V ± 10%, PAD3V5V = 1
——
25.0
IDYNSEG
SR D Sum of all the dynamic and static
I/O current within a supply seg-
ment
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
—
110
mA
DVDD = 3.3 V ± 10%, PAD3V5V = 1
—
—
65
IAVGSEG
SR D Sum of all the static I/O current
within a supply segment
VDD = 5.0 V ± 10%, PAD3V5V = 0
—
—
70
mA
DVDD = 3.3 V ± 10%, PAD3V5V = 1
—
—
65
IDDMxAVG SR D Sum of currents of two motors
assigned to segment VDDMx,
VSSMx pair
VDD = 5.0 V ± 10%, PAD3V5V = 0
TJ =130 C
——
90
VDD = 5.0 V ± 10%, PAD3V5V = 0
TJ =–40 C
——
120
NOTES:
1 V
DD = 3.3 V  10% / 5.0 V  10%, TA = 40 to 105 °C, unless otherwise specified
Table 35. I/O consumption (continued)
Symbol
C
Parameter
Conditions1
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com