Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3015VMS2R Datasheet(PDF) 110 Page - Freescale Semiconductor, Inc

Part # MPXD3015VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3015VMS2R Datasheet(HTML) 110 Page - Freescale Semiconductor, Inc

Back Button MPXD3015VMS2R Datasheet HTML 106Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 107Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 108Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 109Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 110Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 111Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 112Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 113Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 114Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
110
3.22
Peripheral timing characteristics
3.22.1
SDRAM (DDR)
The PXS30 memory controller supports three types of DDR devices:
•
DDR-1 (SSTL_2 class II interface)
•
DDR-2 (SSTL_18 interface)
•
LPDDR/Mobile-DDR (1.8V I/O supply voltage)
JEDEC standards define the minimum set of requirements for compliant memory devices:
•
JEDEC STANDARD, DDR2 SDRAM SPECIFICATION, JESD79-2C, MAY 2006
•
JEDEC STANDARD, Double Data Rate (DDR) SDRAM Specification, JESD79E, May 2005
•
JEDEC STANDARD, Low Power Double Data Rate (LPDDR) SDRAM Specification, JESD79-4,
May 2006
The PXS30 supports the configuration of two output drive strengths for DDR2 and LPDDR:
•
Full drive strength
•
Half drive strength (intended for lighter loads or point-to-point environments)
The PXS30 memory controller supports dynamic on-die termination in the host device and in the DDR2
memory device.
This section includes AC specifications for all DDR SDRAM pins. The DC parameters are specified in the
Section 3.19, DRAM pad specifications.”
3.22.1.1
DDR and DDR2 SDRAM AC timing specifications
Table 61. DDR and DDR2 (DDR2-400) SDRAM timing specifications
At recommended operating conditions with VDD_MEM_IO of 5%
No.
Symbol
Parameter
Min
Max
Unit
1
tCK
CC Clock cycle time, CL = x
—90
MHz
2
VIX-AC
CC MCK AC differential crosspoint voltage1
VDD_MEM_IO
×0.5 –0.1
VDD_MEM_IO
×0.5 +0.1
V
3
tCH
CC CK HIGH pulse width1, 2
0.47
0.53
tCK
4
tCL
CC CK LOW pulse width1, 2
0.47
0.53
tCK
5
tDQSS
CC Skew between MCK and DQS transitions2, 3
0.25
0.25
tCK
8
tOS(base)
CC Address and control output setup time relative to
MCK rising edge2, 3
(tCK/2 – 750)
ps
9
tOH(base)
CC Address and control output hold time relative to
MCK rising edge2, 3
(tCK/2 – 750)
—
ps
11
tDS1(base)
CC DQ and DM output setup time relative to DQS2, 3
(tCK/4 – 500)
—
ps
12
tDH1(base)
CC DQ and DM output hold time relative to DQS2, 3
(tCK/4 – 500)
—
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com