Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3015VMS2R Datasheet(PDF) 111 Page - Freescale Semiconductor, Inc

Part # MPXD3015VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3015VMS2R Datasheet(HTML) 111 Page - Freescale Semiconductor, Inc

Back Button MPXD3015VMS2R Datasheet HTML 107Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 108Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 109Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 110Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 111Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 112Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 113Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 114Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 115Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
111
Figure 31 shows the DDR SDRAM write timing.
Figure 31. DDR write timing
Figure 32 and Figure 33 show the DDR SDRAM read timing.
Figure 32. DDR read timing, DQ vs. DQS
14
tDQSQ
CC DQS-DQ skew for DQS and associated DQ inputs2 –(tCK/4 – 600) (tCK/4–600) ps
15
tDQSEN
CC DQS window start position related to CAS read
command1, 2, 3, 4, 5
TBD
TBD
ps
NOTES:
1 Measured with clock pin loaded with differential 100 ohm termination resistor.
2 All transitions measured at mid-supply (V
DD_MEM_IO/2).
3 Measured with all outputs except the clock loaded with 50 ohm termination resistor to V
DD_MEM_IO/2.
4 In this window, the first rising edge of DQS should occur. From the start of the window to DQS rising edge, DQS
should be low.
5 Window position is given for t
DQSEN = 2.0 tCK. For other values of tDQSEN, window position is shifted accordingly.
Table 61. DDR and DDR2 (DDR2-400) SDRAM timing specifications (continued)
At recommended operating conditions with VDD_MEM_IO of 5%
No.
Symbol
Parameter
Min
Max
Unit
MCK
tCH
tCL
DQS
tDQSS
DQ, DM (out)
tDS
tDH
tCK
DQS (in)
Any DQ (in)
tDQSQ
tDQSQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com