Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3015VMS2R Datasheet(PDF) 116 Page - Freescale Semiconductor, Inc

Part # MPXD3015VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3015VMS2R Datasheet(HTML) 116 Page - Freescale Semiconductor, Inc

Back Button MPXD3015VMS2R Datasheet HTML 112Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 113Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 114Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 115Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 116Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 117Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 118Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 119Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 120Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 139 page
background image
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Electrical characteristics
Freescale Semiconductor
116
Figure 39. External interrupt timing
3.22.5
FlexCAN timing
3.22.6
DSPI timing
Table 66. FlexCAN timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1fCAN_TX CC FlexCAN design target transmit data rate
—10
—
MBit/s
2fCAN_RX CC FlexCAN design target receive data rate
—10
—
MBit/s
Table 67. DSPI timing
No.
Symbol
Parameter
Conditions
Min
Max
Unit
1tSCK CC DSPI cycle time
Master (MTFE = 0)
62
—
ns
Slave (MTFE = 0)
62
—
Slave receive only mode1
16
—
2tCSC CC PCS to SCK delay
—16
—
ns
3tASC
CC After SCK delay
—16
—
ns
4tSDC CC SCK duty cycle
—0.4 × tSCK 0.6 × tSCK ns
5tA
CC Slave access time
SS active to SOUT valid
—
40
ns
6tDIS
CC Slave SOUT disable time
SS inactive to SOUT High-Z or invalid
—
10
ns
7tPCSC CC PCSx to PCSS time
—13
—
ns
8tPASC CC PCSS to PCSx time
—13
—
ns
CLKOUT
IRQ
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com