Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPXD3015VMS2R Datasheet(PDF) 117 Page - Freescale Semiconductor, Inc

Part # MPXD3015VMS2R
Description  PXS30 Microcontroller
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPXD3015VMS2R Datasheet(HTML) 117 Page - Freescale Semiconductor, Inc

Back Button MPXD3015VMS2R Datasheet HTML 113Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 114Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 115Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 116Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 117Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 118Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 119Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 120Page - Freescale Semiconductor, Inc MPXD3015VMS2R Datasheet HTML 121Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 139 page
background image
Electrical characteristics
PXS30 Microcontroller Data Sheet, Rev. 1
Preliminary—Subject to Change Without Notice
Freescale Semiconductor
117
9tSUI
CC Data setup time for inputs
Master (MTFE = 0)
20
—
ns
Slave
2—
Master (MTFE = 1, CPHA = 0)
5—
Master (MTFE = 1, CPHA = 1)
20
—
10
tHI
CC Data hold time for inputs
Master (MTFE = 0)
–5
—
ns
Slave
4—
Master (MTFE = 1, CPHA = 0)
11
—
Master (MTFE = 1, CPHA = 1)
–5
—
11
tSUO CC Data valid (after SCK edge)
Master (MTFE = 0)
—4
ns
Slave
—23
Master (MTFE = 1, CPHA = 0)
—11
Master (MTFE = 1, CPHA = 1)
—5
12
tHO
CC Data hold time for outputs
Master (MTFE = 0)
–2
—
ns
Slave
6—
Master (MTFE = 1, CPHA = 0)
6—
Master (MTFE = 1, CPHA = 1)
–2
—
13
tDT
CC Delay after Transfer
(minimum CS negation time)
Continuous mode
Non-continuos mode2
62
134
—
—
ns
NOTES:
1 Slave Receive Only Mode can operate at a maximum frequency of 60 MHz. Note that in this mode, the DSPI can
receive data on SIN, but no valid data is transmitted on SOUT.
2 In non-continuous mode, this value is always t
SCK × DSPI_CTARn[DT] × DSPI_CTARn[PDT]. The minimum
permissible value of DT is 2 and the minimum permissible value of PDT is 1. See the DSPI chapter of the PXS30
Reference Manual (PXS30RM) for more information.
Table 67. DSPI timing (continued)
No.
Symbol
Parameter
Conditions
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com