Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMS86310 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FDMS86310
Description  N-Channel PowerTrench짰 MOSFET 80 V, 50 A, 4.8 m廓
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS86310 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FDMS86310 Datasheet HTML 1Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 2Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 3Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 4Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 5Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 6Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.fairchildsemi.com
3
©2012 Fairchild Semiconductor Corporation
FDMS86310 Rev. C
Typical Characteristics TJ = 25 °C unless otherwise noted
Figure 1.
01
23
45
0
20
40
60
80
100
VGS = 5.5 V
VGS = 6 V
VGS = 10 V
VGS = 8 V
VGS = 7 V
VGS = 6.5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
VDS, DRAIN TO SOURCE VOLTAGE (V)
On-Region Characteristics
Figure 2.
020
40
60
80
100
0
1
2
3
4
5
6
V
GS = 8 V
V
GS = 7 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
ID, DRAIN CURRENT (A)
V
GS = 5.5 V
V
GS = 6 V
V
GS = 6.5 V
V
GS = 10 V
Normalized On-Resistance
vs Drain Current and Gate Voltage
Figure 3. Normalized On- Resistance
-75
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
ID = 17 A
VGS = 10 V
TJ, JUNCTION TEMPERATURE (
oC)
vs Junction Temperature
Figure 4.
56
7
8
9
10
0
3
6
9
12
15
18
TJ = 125 oC
ID = 17 A
TJ = 25 oC
VGS, GATE TO SOURCE VOLTAGE (V)
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
On-Resistance vs Gate to
Source Voltage
Figure 5. Transfer Characteristics
23
4
5
6
78
0
20
40
60
80
100
TJ = 25 oC
TJ = 150 oC
VDS = 5 V
PULSE DURATION = 80 μs
DUTY CYCLE = 0.5% MAX
TJ = -55 oC
VGS, GATE TO SOURCE VOLTAGE (V)
Figure 6.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
100
TJ = -55 oC
TJ = 25 oC
TJ = 150 oC
VGS = 0 V
VSD, BODY DIODE FORWARD VOLTAGE (V)
Source to Drain Diode
Forward Voltage vs Source Current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com