Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMS86310 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDMS86310
Description  N-Channel PowerTrench짰 MOSFET 80 V, 50 A, 4.8 m廓
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS86310 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDMS86310 Datasheet HTML 1Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 2Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 3Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 4Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 5Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 6Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
January 2012
©2012 Fairchild Semiconductor Corporation
FDMS86310 Rev. C
www.fairchildsemi.com
1
FDMS86310
N-Channel PowerTrench® MOSFET
80 V, 50 A, 4.8 m
Ω
Features
Max rDS(on) = 4.8 mΩ at VGS = 10 V, ID = 17 A
Max rDS(on) = 6.7 mΩ at VGS = 8 V, ID = 14 A
Advanced Package and Silicon combination for low rDS(on)
and high efficiency
Next
generation
enhanced
body
diode
technology,
engineered for soft recovery
MSL1 robust package design
100% UIL tested
RoHS Compliant
General Description
This N-Channel MOSFET has been designed specifically to
improve the overall efficiency and to minimize switch node
ringing of DC/DC converters using either synchronous or
conventional switching PWM controllers.It has been optimized
for low gate charge, low rDS(on), fast switching speed and body
diode reverse recovery performance.
Applications
Primary Switch
Synchronous Rectifier
Motor Switch
MOSFET Maximum Ratings TA = 25 °C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
80
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25 °C
50
A
-Continuous (Silicon limited)
TC = 25 °C
105
-Continuous
TA = 25 °C
(Note 1a)
17
-Pulsed
100
EAS
Single Pulse Avalanche Energy
(Note 3)
183
mJ
PD
Power Dissipation
TC = 25 °C
96
W
Power Dissipation
TA = 25 °C
(Note 1a)
2.5
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Thermal Resistance, Junction to Case
1.3
°C/W
RθJA
Thermal Resistance, Junction to Ambient
(Note 1a)
50
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDMS86310
FDMS86310
Power 56
13 ’’
12 mm
3000 units
Power 56
D
D
D
D
G
S
S
S
Pin 1
Bottom
Top
Pin 1
D
D
D
D
S
S
S
G


Similar Part No. - FDMS86310

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
FDMS86310-TP TECHPUBLIC-FDMS86310-TP Datasheet
5Mb / 6P
N-Channel Enhancement Mode MOSFET
More results

Similar Description - FDMS86310

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD86110 FAIRCHILD-FDD86110 Datasheet
257Kb / 6P
N-Channel PowerTrench짰 MOSFET 100 V, 50 A, 10.2 m廓
FDD86540 FAIRCHILD-FDD86540 Datasheet
247Kb / 6P
N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 4.1 m廓
FDMS86300 FAIRCHILD-FDMS86300 Datasheet
261Kb / 7P
N-Channel PowerTrench짰 MOSFET 80 V, 42 A, 3.9 m廓
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
FDMS86540 FAIRCHILD-FDMS86540 Datasheet
274Kb / 7P
N-Channel PowerTrench짰 MOSFET 60 V, 50 A, 3.4 m廓
FDMS86322 FAIRCHILD-FDMS86322 Datasheet
221Kb / 7P
N-Channel PowerTrench짰 MOSFET 80 V, 60 A, 7.65 m
logo
ON Semiconductor
FDB9409-F085 ONSEMI-FDB9409-F085 Datasheet
623Kb / 7P
N-Channel PowerTrench짰 MOSFET40 V, 80 A, 3.5 m廓
August-2017, Rev 2
FDMS86380-F085 ONSEMI-FDMS86380-F085 Datasheet
560Kb / 7P
N-Channel PowerTrench짰 MOSFET 80V, 50 A, 13.4 m廓
August-2017, Rev. 2
FDMS86381-F085 ONSEMI-FDMS86381-F085 Datasheet
565Kb / 7P
N-Channel PowerTrench짰 MOSFET 80 V, 30 A, 22 m廓
August-2017, Rev. 2
FDMS86568-F085 ONSEMI-FDMS86568-F085 Datasheet
487Kb / 6P
N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 3.5 m廓
August-2017, Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com