Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FDMS86310 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FDMS86310
Description  N-Channel PowerTrench짰 MOSFET 80 V, 50 A, 4.8 m廓
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDMS86310 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FDMS86310 Datasheet HTML 1Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 2Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 3Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 4Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 5Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 6Page - Fairchild Semiconductor FDMS86310 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.fairchildsemi.com
2
©2012 Fairchild Semiconductor Corporation
FDMS86310 Rev. C
Electrical Characteristics TJ = 25 °C unless otherwise noted
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
BVDSS
Drain to Source Breakdown Voltage
ID = 250 μA, VGS = 0 V
80
V
ΔBVDSS
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 250 μA, referenced to 25 °C
45
mV/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64 V, VGS = 0 V
1
μA
IGSS
Gate to Source Leakage Current
VGS = ±20 V, VDS = 0 V
±100
nA
VGS(th)
Gate to Source Threshold Voltage
VGS = VDS, ID = 250 μA
2.4
3.3
4.5
V
ΔVGS(th)
ΔTJ
Gate to Source Threshold Voltage
Temperature Coefficient
ID = 250 μA, referenced to 25 °C
-11
mV/°C
rDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 17 A
3.8
4.8
m
Ω
VGS = 8 V, ID = 14 A
4.5
6.7
VGS = 10 V, ID = 17 A, TJ = 125 °C
5.7
7.2
gFS
Forward Transconductance
VDS = 10 V, ID = 17 A
49
S
Ciss
Input Capacitance
VDS = 40 V, VGS = 0 V,
f = 1 MHz
4730
6290
pF
Coss
Output Capacitance
693
925
pF
Crss
Reverse Transfer Capacitance
19
45
pF
Rg
Gate Resistance
1.3
Ω
td(on)
Turn-On Delay Time
VDD = 40 V, ID = 17 A,
VGS = 10 V, RGEN = 6 Ω
28
45
ns
tr
Rise Time
23
37
ns
td(off)
Turn-Off Delay Time
35
56
ns
tf
Fall Time
918
ns
Qg
Total Gate Charge
VGS = 0 V to 10 V
VDD = 40 V,
ID = 17 A
66
95
nC
Qg
Total Gate Charge
VGS = 0 V to 8 V
55
78
nC
Qgs
Gate to Source Charge
24
nC
Qgd
Gate to Drain “Miller” Charge
14
nC
VSD
Source to Drain Diode Forward Voltage
VGS = 0 V, IS = 2.1 A
(Note 2)
0.72
1.2
V
VGS = 0 V, IS = 17 A
(Note 2)
0.81
1.3
trr
Reverse Recovery Time
IF = 17 A, di/dt = 100 A/μs
51
80
ns
Qrr
Reverse Recovery Charge
41
65
nC
trr
Reverse Recovery Time
IF = 17 A, di/dt = 300 A/μs
43
69
ns
Qrr
Reverse Recovery Charge
87
140
nC
Notes:
1. RθJA is determined with the device mounted on a 1 in2 pad 2 oz copper pad on a 1.5 x 1.5 in. board of FR-4 material. RθJC is guaranteed by design while RθCA is determined by
the user's board design.
2. Pulse Test: Pulse Width < 300
μs, Duty cycle < 2.0%.
3. Starting TJ = 25 °C, L = 0.3 mH, IAS = 35 A, VDD = 72 V, VGS = 10 V.
a) 50 °C/W when mounted on a
1 in2 pad of 2 oz copper
125 °C/W when mounted on a
minimum pad of 2 oz copper.
b)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com