Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AWHW60G-0202-T-R Datasheet(PDF) 22 Page - Texas Instruments

Part # AWHW60G-0202-T-R
Description  Multi-Cal-System Evaluation Module
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AWHW60G-0202-T-R Datasheet(HTML) 22 Page - Texas Instruments

Back Button AWHW60G-0202-T-R Datasheet HTML 18Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 19Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 20Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 21Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 22Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 23Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 24Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 25Page - Texas Instruments AWHW60G-0202-T-R Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
USB DAQ: Generates
signals and controls
Interface boards:
Sensors connect here
Master and
Slave Mux
DMM and
power supply
Replace with
1.25-inch standoff
Remove
0.25-inch standoff
Expanding the System Size
www.ti.com
Figure 22 shows the complete Multi-Cal-System setup. At this point, the system is fully connected and you
are ready to run the software.
Figure 22. Complete System Setup
3
Expanding the System Size
The Multi-Cal-System can be expanded by adding Multi-Cal-Slave boards. Each Multi-Cal-Slave board
adds eight additional channels. The maximum system size is 64 channels (one master and seven slaves).
The first step in expanding the system size is to remove the 0.25-inch standoffs and replace them with
1.25-inch standoffs; this step is shown in Figure 23.
Figure 23. Replace Standoffs
22
Multi-Cal-System Evaluation Module
SBOU087A
– August 2010 – Revised April 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com