Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONFIG1 Datasheet(PDF) 7 Page - Future Technology Devices International Ltd.

Part # CONFIG1
Description  The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CONFIG1 Datasheet(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button CONFIG1 Datasheet HTML 3Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 4Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 5Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 6Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 7Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 8Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 9Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 10Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Copyright © 2012 Future Technology Devices International Limited
7
DS_UMFT311EV
USB ANDROID HOST MODULE Datasheet
Version 1.0
Document No.: FT_000689 Clearance No.: FTDI# 303
4 Detailed Description of Interface
The defined operation of the FT311D IC is configured using 3 GPIO pins, as shown in the table 4.1. These
GPIO pins define the interface mode required which in turn defines the IO signalling available on the
module connector CON1. This information is available in the FT311D Datasheet
Signal Name
Jumper
selection
FT311D pin
Number
I/O
Type
Description
CONFIG2
JP1
15
Input
Configuration input 2
CONFIG1
JP2
14
Input
Configuration input 1
CONFIG0
JP3
12
Input
Configuration input 0
Table 4.1 : Pins used in interface mode selection
CONFIG2 or CONFIG1 or CONFIG0 is at logic 1 when the corresponding jumper is not present and at
logic 0 when the corresponding jumper is present.
4.1 Interface Mode selection
The interface mode selection is done using the CONFIG[2-0] pins. The CONFIG[2:0] pins have to be set
at this value before the chip is powered on.
Interface Mode
Selection of Interface Mode
CONFIG2
CONFIG1
CONFIG0
GPIO
0
0
0
UART
0
0
1
PWM
0
1
0
I2C Master
0
1
1
SPI Slave
1
0
0
SPI Master
1
0
1
Table 4.2 : Selection of Mode
4.1.1 GPIO Mode
In the GPIO mode the GPIO signals are available at the connector CON1, J3 and J4 as shown in the table
4.3 below.
Signal
Name
Connector
CON1
Connector
J3, J4
FT311D pin
Number
I/O
Type
Description
GPIO(0)
CON1 -10
J3-3
23
IO
GPIO data bit 0, bidirectional
GPIO(1)
CON1 -9
J3-4
24
IO
GPIO data bit 1, bidirectional
GPIO(2)
CON1 -8
J3-5
25
IO
GPIO data bit 2, bidirectional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com