Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONFIG1 Datasheet(PDF) 9 Page - Future Technology Devices International Ltd.

Part # CONFIG1
Description  The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CONFIG1 Datasheet(HTML) 9 Page - Future Technology Devices International Ltd.

Back Button CONFIG1 Datasheet HTML 5Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 6Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 7Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 8Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 9Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 10Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 11Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 12Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 13Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Copyright © 2012 Future Technology Devices International Limited
9
DS_UMFT311EV
USB ANDROID HOST MODULE Datasheet
Version 1.0
Document No.: FT_000689 Clearance No.: FTDI# 303
4.1.4 I2C Master Mode
In the I2C Master mode the I2C Master signals are available at the connector CON1 and J3 as shown in
the table 4.6 below.
Signal Name
Connector
CON1
Connector
J3
FT311D pin
Number
I/O
Type
Description
I2C_CLK
CON1 -10
J3-3
23
Output
I2C clock
I2C_DATA
CON1 -9
J3-4
24
IO
I2C Data
Table 4.6 : I2C Master mode
4.1.5 SPI Slave
In the SPI Slave mode the SPI Slave signals are available at the connector CON1, J3 and J4 as shown in
the table 4.7 below.
Signal Name
Connector
CON1
Connector
J3, J4
FT311D pin
Number
I/O
Type
Description
SPI_S_SS#
CON1 -7
J3-6
26
Input
SPI slave chip select
SPI_S_CLK
CON1 -6
J3-7
29
Input
SPI CLK Input
SPI_S_MOSI
CON1 -5
J3-8
30
Input
SPI Master out slave in
SPI_S_MISO
CON1 -4
J4-1
31
Output
SPI Master in slave out
Table 4.7 : SPI Slave mode
Note: # - Denotes active low signal
4.1.6 SPI Master
In the SPI Master mode the SPI Master signals are available at the connector CON1, J3 and J4 as shown
in the table 4.8 below.
Signal Name
Connector
CON1
Connector
J3, J4
FT311D pin
Number
I/O
Type
Description
SPI_M_SS#
CON1 -7
J3-6
26
Output
SPI slave chip select
SPI_M_CLK
CON1 -6
J3-7
29
Output
SPI CLK Output
SPI_M_MOSI
CON1 -5
J3-8
30
Output
SPI Master out slave in
SPI_M_MISO
CON1 -4
J4-1
31
Input
SPI Master in slave out
Table 4.8 : SPI Master mode
Note: # - Denotes active low signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com