Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CONFIG1 Datasheet(PDF) 1 Page - Future Technology Devices International Ltd.

Part # CONFIG1
Description  The FT311D Development Module is a development module which utilises the FT311D IC to develop USB accessories connecting to Android platforms via Android Open Accessory mode.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FTDI [Future Technology Devices International Ltd.]
Direct Link  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

CONFIG1 Datasheet(HTML) 1 Page - Future Technology Devices International Ltd.

  CONFIG1 Datasheet HTML 1Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 2Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 3Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 4Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 5Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 6Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 7Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 8Page - Future Technology Devices International Ltd. CONFIG1 Datasheet HTML 9Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Copyright © 2012 Future Technology Devices International Limited
1
DS_UMFT311EV
USB ANDROID HOST MODULE Datasheet
Version 1.0
Document No.: FT_000689 Clearance No.: FTDI# 303
Future Technology Devices
International Ltd.
DS_FT311D_Development_Module:
UMFT311EV
(USB Android Host Module)
The FT311D Development Module is a
development module which utilises the
FT311D IC to develop USB accessories
connecting
to
Android
platforms
via
Android Open Accessory mode. It is a Full
Speed USB host specifically targeted at
providing access to peripheral hardware
from an Android platform with a USB
device port. The FT311D IC will bridge the
USB port to any one of the six user
selectable interface types like GPIO, UART,
PWM, I2C Master, SPI Master, SPI Slave
and has the following advanced features:
Based on single chip USB Android Host FT311D IC.
Entire USB protocol handled on the chip.
Any one of the six user selectable interface types:-
GPIO, UART, PWM, I2C Master, SPI Master, SPI Slave
Interface options selectable via 3 mode select pins.
7 GPIO lines interface option
USB error indicator pin
Basic UART interface with RXD, TXD, RTS, CTS,
TX_ACTIVE pins option.
4 PWM channels option.
I2C Master interface option.
SPI Slave interface option supporting modes 0, 1, 2
and 3 with MSB/LSB options
SPI Master interface option supporting modes 0, 1, 2
and 3 with MSB/LSB options.
Suitable for use on any Android platform
supporting Android Open Accessory Mode
(Typically 3.1 onwards, however some
platforms may port Open Accessory Mode
to version 2.3.4)
12MHz external crystal.
Standard USB Host connector to connect
with Android USB Slave device.
+5V Single Supply Operation.
USB 2.0 Full Speed compatible.
Extended operating temperature range; -
40 to +85⁰C.
Board dimensions: 68.58mm x 55.38mm
x 14.00mm (L x W x H).
Reduce development time.
Rapid integration into existing systems.
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow G41
1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - CONFIG1

ManufacturerPart #DatasheetDescription
logo
TEKTRONIX, INC.
CONFL-SVPC TEKTRONIX-CONFL-SVPC Datasheet
1Mb / 28P
Vector and RF Suite of Signal Analysis Software for PC SignalVu-PC-SVE Applications Datasheet
28 Sep 2016
CONFL-SVPC TEKTRONIX-CONFL-SVPC Datasheet
1Mb / 28P
Vector and RF Suite of Signal Analysis Software for PC
24 Jan 2018
More results

Similar Description - CONFIG1

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
DS_UMFT311GP FTDI-DS_UMFT311GP Datasheet
835Kb / 14P
DS_UMFT311GP shield board to be used with FT311D Development Module.
DS_FT311D FTDI-DS_FT311D Datasheet
1Mb / 40P
The FT311D is a Full Speed USB host specifically targeted at providing access to peripheral hardware from an Android platform with a USB device port.
logo
Microchip Technology
PIC24F MICROCHIP-PIC24F Datasheet
169Kb / 1P
PIC24F Accessory Development Starter Kit for Android
logo
Future Technology Devic...
FT311D FTDI-FT311D Datasheet
1Mb / 40P
USB Android Host IC
Version 1.2
UMFT201XE FTDI-UMFT201XE Datasheet
781Kb / 23P
UMFT201XE USB to I2C Development Module
FT311D-32L1C-R FTDI-FT311D-32L1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT311D-32Q1C-R FTDI-FT311D-32Q1C-R Datasheet
1Mb / 40P
USB Android Host IC
FT312D-32Q1C-R FTDI-FT312D-32Q1C-R Datasheet
757Kb / 27P
USB Android Host IC
FT312D-32Q1C-T FTDI-FT312D-32Q1C-T Datasheet
757Kb / 27P
USB Android Host IC
UMFT230XA-02 FTDI-UMFT230XA-02 Datasheet
692Kb / 21P
UMFT230XA USB to Basic UART Development Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com