Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOZ1081AI Datasheet(PDF) 9 Page - Alpha & Omega Semiconductors

Part # AOZ1081AI
Description  EZBuck??1.8A High Efficiency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1081AI Datasheet(HTML) 9 Page - Alpha & Omega Semiconductors

Back Button AOZ1081AI Datasheet HTML 5Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 6Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 7Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 13Page - Alpha & Omega Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AOZ1081
Rev. 1.1 April 2009
www.aosmd.com
Page 9 of 16
off the high side switch immediately to terminate the
current duty cycle. The inductor current stop rising.
The cycle by cycle current limit protection directly limits
inductor peak current. The average inductor current is
also limited due to the limitation on peak inductor current.
When cycle by cycle current limit circuit is triggered, the
output voltage drops as the duty cycle decreasing.
The AOZ1081 has internal short circuit protection to
protect itself from catastrophic failure under output short
circuit conditions. The FB pin voltage is proportional to
the output voltage. Whenever FB pin voltage is below
0.15V, the short circuit protection circuit is triggered.
As a result, the converter is shut down and hiccups at a
frequency equals to 1/8 of normal switching frequency.
The converter will start up via a soft start once the short
circuit condition disappears. In short circuit protection
mode, the inductor average current is greatly reduced
because of the low hiccup frequency.
Output Over Voltage Protection (OVP)
The AOZ1081 monitors the feedback voltage: when the
feedback voltage is higher than 330mV, it immediate
turns-off the PMOS to protect the output voltage over-
shoot at fault condition. When feedback voltage is lower
than 240mV, the PMOS is allowed to turn on in the next
cycle.
Power-On Reset (POR)
A power-on reset circuit monitors the input voltage. When
the input voltage exceeds 4V, the converter starts opera-
tion. When input voltage falls below 3.7V, the converter
will stop switching.
Thermal Protection
An internal temperature sensor monitors the junction
temperature. It shuts down the internal control circuit and
high side PMOS if the junction temperature exceeds
150°C.
Application Information
The basic AOZ1081 application circuit is shown in
Figure 1 and 2. Component selection is explained below.
Setting the Maximum LED Current
The AOZ1081 features a programmable LED current
using a resistor RFB at the end of the primary chain of
LEDs.
Input Capacitor
The input capacitor (C1 in Figure 1) must be connected
to the VIN pin and PGND pin of the AOZ1081 to maintain
steady input voltage and filter out the pulsing input
current. A small decoupling capacitor (Cd in Figure 1),
usually 1µF, should be connected to the VIN pin and
AGND pin for stable operation of the AOZ1081. The
voltage rating of input capacitor must be greater than
maximum input voltage plus ripple voltage.
The input ripple voltage can be approximated by equa-
tion below:
Since the input current is discontinuous in a buck
converter, the current stress on the input capacitor is
another concern when selecting the capacitor. For a
buck circuit, the RMS value of input capacitor current can
be calculated by:
if let m equal the conversion ratio:
The relationship between the input capacitor RMS
current and voltage conversion ratio is calculated and
shown in Figure 2. It can be seen that when VO is half
of VIN, CIN is under the worst current stress. The worst
current stress on CIN is 0.5 x IO.
Figure 2. ICIN vs. Voltage Conversion Ratio
ILEDMAX
250mV
RFB
-------------------
=
ΔVIN
IO
fCIN
×
-----------------
1
VO
VIN
---------
–
⎝⎠
⎜⎟
⎛⎞
VO
VIN
---------
×
×
=
ICIN_RMS
IO
VO
VIN
--------- 1
VO
VIN
---------
–
⎝⎠
⎜⎟
⎛⎞
×
=
VO
VIN
---------
m
=
0
0.1
0.2
0.3
0.4
0.5
0
0.5
1
m
I
CIN_RMS(m)
I
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com