Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AOZ1081AI Datasheet(PDF) 12 Page - Alpha & Omega Semiconductors

Part # AOZ1081AI
Description  EZBuck??1.8A High Efficiency
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOZ1081AI Datasheet(HTML) 12 Page - Alpha & Omega Semiconductors

Back Button AOZ1081AI Datasheet HTML 8Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 9Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 10Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 11Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 12Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 13Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 14Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 15Page - Alpha & Omega Semiconductors AOZ1081AI Datasheet HTML 16Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AOZ1081
Rev. 1.1 April 2009
www.aosmd.com
Page 12 of 16
Thermal Management and Layout Consideration
In the AOZ1081 buck regulator circuit, high pulsing
current flows through two circuit loops. The first loop
starts from the input capacitors, to the VIN pin, to the
LX pins, to the filter inductor, to the output capacitor and
load, and then return to the input capacitor through
ground. Current flows in the first loop when the high side
switch is on. The second loop starts from inductor, to the
output capacitors and load, to the PGND pin of the
AOZ1081, to the LX pins of the AZO1081. Current flows
in the second loop when the low side diode is on.
In PCB layout, minimizing the two loops area reduces the
noise of this circuit and improves efficiency. A ground
plane is recommended to connect input capacitor, output
capacitor, and PGND pin of the AOZ1081.
In the AOZ1081 buck regulator circuit, the two major
power dissipating components are the AOZ1081 and
output inductor. The total power dissipation of converter
circuit can be measured by input power minus output
power.
The power dissipation of inductor can be approximately
calculated by output current and DCR of inductor.
The actual AOZ1081 junction temperature can be calcu-
lated with power dissipation in the AOZ1081 and thermal
impedance from junction to ambient.
The maximum junction temperature of AOZ1081 is
150°C, which limits the maximum load current capability.
Please see the thermal de-rating curves for the maximum
load current of the AOZ1081 under different ambient
temperature.
The thermal performance of the AOZ1081 is strongly
affected by the PCB layout. Extra care should be taken
by users during design process to ensure that the IC will
operate under the recommended environmental
conditions.
Several layout tips are listed below for the best electric
and thermal performance. Figure 3 on the next page
illustrates a single layer PCB layout example as refer-
ence.
1. Do not use thermal relief connection to the VIN and
the PGND pin. Pour a maximized copper area to
the PGND pin and the VIN pin to help thermal
dissipation.
2. Input capacitor should be connected to the VIN pin
and the PGND pin as close as possible.
3. A ground plane is preferred. If a ground plane is not
used, separate PGND from AGND and connect
them only at one point to avoid the PGND pin noise
coupling to the AGND pin. In this case, a decoupling
capacitor should be connected between VIN pin and
AGND pin.
4. Make the current trace from LX pins to L to Co to the
PGND as short as possible.
5. Pour copper plane on all unused board area and
connect it to stable DC nodes, like VIN, GND or
VOUT.
6. The two LX pins are connected to internal PFET
drain. They are low resistance thermal conduction
path and most noisy switching node. Connected a
copper plane to LX pin to help thermal dissipation.
This copper plane should not be too larger otherwise
switching noise may be coupled to other part of
circuit.
7. Keep sensitive signal trace such as trace connected
with FB pin and COMP pin far away form the LX pins.
Ptotal_loss
VIN IIN VO IO
×
–
×
=
Pinductor_loss IO 2 Rinductor 1.1
×
×
=
Tjunction
Ptotal_loss Pinductor_loss
–
() Θ Tambient
+
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com