Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM47DM0888SBA Datasheet(PDF) 19 Page - Eorex Corporation

Part # EM47DM0888SBA
Description  JEDEC Standard VDD/VDDQ
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47DM0888SBA Datasheet(HTML) 19 Page - Eorex Corporation

Back Button EM47DM0888SBA Datasheet HTML 15Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 16Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 17Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 18Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 19Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 20Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 21Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 22Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 23Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 39 page
background image
EM47DM0888SBA
May. 2011
19/39
www.eorex.com
AC Operating Test Characteristics
(VDD, VDDQ=1.5V±0.075V)
Speed Bin
-150
(DDR3-1333)
-187
(DDR3-1066)
CL-nRCD-nRP
9-9-9
7-7-7
Symbol
Parameter
Min.
Max.
Min.
Max.
Units
Notes
tRFC(min)
+ 10
-
tRFC(min)
+ 10
-
ns
tXS
Exit self-refresh to commands not
requiring a locked DLL
5
-
5
-
nCK
tXSDLL
Exit self-refresh to commands
requiring a locked DLL
tDLL(min)
-
tDLL(min)
-
nCK
tRFC
Auto-refresh to active/auto-refresh
command
110
-
110
-
ns
tREFI
Average periodic refresh interval
0℃≦TC≦+85℃
-
7.8
-
7.8
µs
tREFI
Average periodic refresh interval
+85℃≦TC≦+95℃
-
3.9
-
3.9
µs
5
-
5.625
-
ns
tCKE
CKE minimum high and low pulse
width
3
-
3
-
nCK
tRFC(min)
+ 10
-
tRFC(min)
+ 10
-
ns
tXPR
Exit reset from CKE high to a valid
command
5
-
5
-
nCK
tDLLK
DLL locking time
512
-
512
-
nCK
tPD
Power-down entry to exit time
tCKE(min)
9*tREFI
tCKE(min)
9*tREFI
15
24
-
24
-
ns
tXPDLL
Exit precharge power-down with
DLL frozen to commands requiring
a locked DLL
10
-
10
-
nCK
2
6
-
6
-
ns
tXP
Exit power-down with DLL on to any
valid command; Exit precharge
power-down with DLL frozen to
commands not requiring a locked
DLL
3
-
3
-
nCK
tWRPDEN
(min)
Timing of WR command to power-
down entry
(BL8OTF, BL8MRS, BL4OTF)
WL + 4 + [tWR / tCK(avg)]
nCK
tWRPDEN
(min)
Timing of WR command to power-
down entry
(BC4MRS)
WL + 2 + [tWR / tCK(avg)]
nCK
9
tWRAPDEN
Timing of WRA command to power-
down entry
(BL8OTF, BL8MRS, BL4OTF)
WL + 4 +
WR + 1
-
WL + 4 +
WR + 1
-
nCK
10
tWRAPDEN
Timing of WRA command to power-
down entry
(BC4MRS)
WL + 2 +
WR + 1
-
WL + 2 +
WR + 1
-
nCK
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com