Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM47DM0888SBA Datasheet(PDF) 27 Page - Eorex Corporation

Part # EM47DM0888SBA
Description  JEDEC Standard VDD/VDDQ
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47DM0888SBA Datasheet(HTML) 27 Page - Eorex Corporation

Back Button EM47DM0888SBA Datasheet HTML 23Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 24Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 25Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 26Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 27Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 28Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 29Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 30Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 31Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
EM47DM0888SBA
May. 2011
27/39
www.eorex.com
2. CKE Truth Table
CKE
Current State
n-1
n
Command (n)
/RAS, /CAS, /WE, /CS
Action (n)
Notes
L
L
X
Maintain power down
14,15
Power Down
L
H
DESELECT or NOP
Power down exit
11,14
L
L
X
Maintain self refresh
15,16
Self Refresh
L
H
DESELECT or NOP
Self refresh exit
8,12,16
Bank Active
H
L
DESELECT or NOP
Active power down entry
11,13,14
Reading
H
L
DESELECT or NOP
Power down entry
11,13,14,17
Writing
H
L
DESELECT or NOP
Power down entry
11,13,14,17
Precharging
H
L
DESELECT or NOP
Power down entry
11,13,14,17
Refreshing
H
L
DESELECT or NOP
Precharge power down entry
11
H
L
DESELECT or NOP
Precharge power down entry
11,13,14,18
All Banks Idle
H
L
REFRESH
Self refresh
9,13,18
For more details with all signals, see “Command Truth Table”
10
Note1.
CKE (n) is the logic state of CKE at clock edge n; CKE (n-1) was the state of CKE at the previous clock
edge.
Note2.
Current state is defined as the state of the DDR3 SDRAM immediately prior to clock edge n.
Note3.
Command (n) is the command registered at clock edge n, and ACTION (n) is a result of Command (n),
ODT is not included here.
Note4.
All states and sequences not shown are illegal or reserved unless explicitly described elsewhere in this
document.
Note5.
The state of ODT does not affect the states described in this table. The ODT function is not available
during Self-Refresh.
Note6.
During any CKE transition (registration of CKE H->L or CKE L->H) the CKE level must be maintained
until 1nCK prior to tCKEmin being satisfied (at which time CKE may transition again).
Note7.
DESELECT and NOP are defined in the “Command Truth Table”.
Note8.
On self-refresh exit DESELECT or NOP commands must be issued on every clock edge occurring
during the tXS period. Read or ODT commands may be issued only after tXSDLL is satisfied.
Note9.
Self-Refresh mode can only be entered from the All Banks Idle state.
Note10.
Must be a legal command as defined in the “Command Truth Table”.
Note11.
Valid commands for power-down entry and exit are NOP and DESELECT only.
Note12.
Valid commands for self-refresh exit are NOP and DESELECT only.
Note13.
Self-Refresh can not be entered during Read or Write operations.
Note14.
The Power-Down does not perform any refresh operations.
Note15.
“X” means “don’t care“ (including floating around VREF) in Self-Refresh and Power-Down. It also
applies to Address pins.
Note16.
VREF (Both VREFDQ and VREFCA) must be maintained during Self-Refresh operation. VREFDQ
supply may be turned OFF and VREFDQ may take any value between VSS and VDD during Self Refresh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com