Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM47DM0888SBA Datasheet(PDF) 31 Page - Eorex Corporation

Part # EM47DM0888SBA
Description  JEDEC Standard VDD/VDDQ
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EM47DM0888SBA Datasheet(HTML) 31 Page - Eorex Corporation

Back Button EM47DM0888SBA Datasheet HTML 27Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 28Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 29Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 30Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 31Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 32Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 33Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 34Page - Eorex Corporation EM47DM0888SBA Datasheet HTML 35Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 39 page
background image
EM47DM0888SBA
May. 2011
31/39
www.eorex.com
Mode Register Definition
Mode Register MR0
The Mode Register MR0 stores the data for controlling various operating modes of DDR3 SDRAM. It controls
burst length, read burst type, CAS latency, test mode, DLL reset, WR and DLL control for precharge
power-down, which include various vendor specific options to make DDR3 SDRAM useful for various
applications. The mode register is written by asserting low on /CS, /RAS, /CAS, /WE, BA0, BA1 and BA2, while
controlling the states of address pins according to the table below.
1
1
Reserved
0
1
4
1
0
4 or 8 (OTF)
0
0
8
A0
A1
BL
1
0
1
0
1
0
1
0
A4
0
1
1
11
0
1
1
10
0
0
1
9
0
0
1
8
0
1
0
7
0
1
0
6
0
0
0
Reserved
0
0
0
Reserved
A2
A5
A6
CAS Latency
1
Test
0
Normal
A7
Mode
1
Yes
0
No
A8
DLL Reset
1
Fast exit (DLL on)
0
Slow exit (DLL off)
A12
DLL Control
(for precharge PD)
1
1
1
Reserved
0
1
1
12
1
0
1
10
0
0
1
8
1
1
0
7
0
1
0
6
1
0
0
5
0
0
0
Reserved
A9
A10
A11
WR for autoprecharge
1
1
MR3
0
1
MR2
1
0
MR1
0
0
MR0
BA0
BA1
MRS Mode
1
Interleave
0
Nibble sequential
A3
Read Burst Type
BL
CL
RBT
CAS Latency
TM
DLL
WR
PPD
0
0 0
0
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
BA0
BA1
BA2
1
1
Reserved
0
1
4
1
0
4 or 8 (OTF)
0
0
8
A0
A1
BL
1
0
1
0
1
0
1
0
A4
0
1
1
11
0
1
1
10
0
0
1
9
0
0
1
8
0
1
0
7
0
1
0
6
0
0
0
Reserved
0
0
0
Reserved
A2
A5
A6
CAS Latency
1
Test
0
Normal
A7
Mode
1
Yes
0
No
A8
DLL Reset
1
Fast exit (DLL on)
0
Slow exit (DLL off)
A12
DLL Control
(for precharge PD)
1
1
1
Reserved
0
1
1
12
1
0
1
10
0
0
1
8
1
1
0
7
0
1
0
6
1
0
0
5
0
0
0
Reserved
A9
A10
A11
WR for autoprecharge
1
1
MR3
0
1
MR2
1
0
MR1
0
0
MR0
BA0
BA1
MRS Mode
1
Interleave
0
Nibble sequential
A3
Read Burst Type
BL
CL
RBT
CAS Latency
TM
DLL
WR
PPD
0
0 0
0
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
BA0
BA1
BA2
Note1.
BA2 and A13 are reserved for future use and must be programmed to 0 during MRS.
Note2.
WR (write recovery for autoprecharge) min in clock cycles is calculated by dividing tWR (in ns) by tCK (in
ns) and rounding up to the next integer: WRmin[cycles] = Roundup(tWR[ns]/tCK[ns]). The WR value in
the mode register must be programmed to be equal or larger than WRmin. The programmed WR value
is used with tRP to determine tDAL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com