Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADG528F Datasheet(PDF) 5 Page - Analog Devices

Part # ADG528F
Description  4/8 Channel Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG528F Datasheet(HTML) 5 Page - Analog Devices

  ADG528F Datasheet HTML 1Page - Analog Devices ADG528F Datasheet HTML 2Page - Analog Devices ADG528F Datasheet HTML 3Page - Analog Devices ADG528F Datasheet HTML 4Page - Analog Devices ADG528F Datasheet HTML 5Page - Analog Devices ADG528F Datasheet HTML 6Page - Analog Devices ADG528F Datasheet HTML 7Page - Analog Devices ADG528F Datasheet HTML 8Page - Analog Devices ADG528F Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADG508F/ADG509F/ADG528F
REV. C
–5–
TERMINOLOGY
VDD
Most positive power supply potential.
VSS
Most negative power supply potential.
GND
Ground (0 V) reference.
RON
Ohmic resistance between D and S.
RON Drift
Change in RON when temperature changes
by one degree Celsius.
RON Match
Difference between the RON of any two
channels.
IS (OFF)
Source leakage current when the switch is
off.
ID (OFF)
Drain leakage current when the switch is off.
ID, IS (ON)
Channel leakage current when the switch is
on.
VD (VS)
Analog voltage on terminals D, S.
CS (OFF)
Channel input capacitance for “OFF”
condition.
CD (OFF)
Channel output capacitance for “OFF”
condition.
CD, CS (ON)
“ON” switch capacitance.
CIN
Digital input capacitance.
tON (EN)
Delay time between the 50% and 90% points
of the digital input and switch “ON”
condition.
tOFF (EN)
Delay time between the 50% and 90% points
of the digital input and switch “OFF”
condition.
tTRANSITION
Delay time between the 50% and 90% points
of the digital inputs and the switch “ON”
condition when switching from one address
state to another.
tOPEN
“OFF” time measured between 80% points of
both switches when switching from one
address state to another.
VINL
Maximum input voltage for Logic “0”.
VINH
Minimum input voltage for Logic “1”.
IINL (IINH)
Input current of the digital input.
Off Isolation
A measure of unwanted signal coupling
through an “OFF” channel.
Charge Injection
A measure of the glitch impulse transferred
from the digital input to the analog output
during switching.
IDD
Positive supply current.
ISS
Negative supply current.
Typical Performance Graphs
2000
1000
0
–15
–5
15
5
010
–10
500
1750
1500
1250
750
250
VD (VS) – Volts
TA = +25 C
VDD = +5V
VSS = –5V
VDD = +10V
VSS = –10V
VDD = +15V
VSS = –15V
Figure 3. On Resistance as a Function of VD (VS)
1m
1
1p
–50
–30
50
10
–20
20
–40
1n
30
40
100
10
10n
100n
10p
100p
–10
0
VIN – INPUT VOLTAGE – Volts
VDD = 0V
VSS = 0V
VD = 0V
60
OPERATING RANGE
Figure 4. Input Leakage Current as a Function of VS
(Power Supplies OFF) During Overvoltage Conditions
1m
1
1p
–50
–30
50
10
–20
20
–40
1n
30
40
100
10
10n
100n
10p
100p
–10
0
VIN – INPUT VOLTAGE – Volts
VDD = +15V
VSS = –15V
VD = 0V
60
OPERATING RANGE
Figure 5. Output Leakage Current as a Function of VS
(Power Supplies ON) During Overvoltage Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com