Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADG528F Datasheet(PDF) 9 Page - Analog Devices

Part # ADG528F
Description  4/8 Channel Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG528F Datasheet(HTML) 9 Page - Analog Devices

Back Button ADG528F Datasheet HTML 4Page - Analog Devices ADG528F Datasheet HTML 5Page - Analog Devices ADG528F Datasheet HTML 6Page - Analog Devices ADG528F Datasheet HTML 7Page - Analog Devices ADG528F Datasheet HTML 8Page - Analog Devices ADG528F Datasheet HTML 9Page - Analog Devices ADG528F Datasheet HTML 10Page - Analog Devices ADG528F Datasheet HTML 11Page - Analog Devices ADG528F Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADG508F/ADG509F/ADG528F
REV. C
–9–
A2
VOUT
VSS
VDD
D
VS
* SIMILAR CONNECTION FOR ADG508F/ADG509F
A1
A0
EN
RS
GND
WR
ADG528F
*
S1
S8
S2–S7
VIN
+2.4V
50
RL
1k
CL
35pF
VSS
VDD
ADDRESS
DRIVE (VIN)
3V
VOUT
tOPEN
80%
80%
Test Circuit 8. Break-Before-Make Delay, tOPEN
3V
50%
OUTPUT
0.9VO
50%
tON (EN)
0.9VO
0V
VO
0V
tOFF (EN)
ENABLE
DRIVE (VIN)
A2
VOUT
VSS
VDD
D
VS
* SIMILAR CONNECTION FOR ADG508F/ADG509F
A1
A0
RS
GND
WR
ADG528F
*
S1
S2–S8
VIN
50
RL
1k
CL
35pF
VSS
VDD
+2.4V
EN
Test Circuit 9. Enable Delay, tON (EN), tOFF (EN)
3V
OUTPUT
WR
0.2VO
50%
tON (WR)
0V
VO
0V
A2
VOUT
VSS
VDD
D
VS
A1
A0
EN
RS
GND
ADG528F
S1
S2–S8
+2.4V
RL
1k
CL
35pF
VSS
VDD
WR
VWR
VRS
Test Circuit 10. Write Turn-On Time, tON (WR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com