Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADG528F Datasheet(PDF) 6 Page - Analog Devices

Part # ADG528F
Description  4/8 Channel Fault-Protected Analog Multiplexers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG528F Datasheet(HTML) 6 Page - Analog Devices

Back Button ADG528F Datasheet HTML 2Page - Analog Devices ADG528F Datasheet HTML 3Page - Analog Devices ADG528F Datasheet HTML 4Page - Analog Devices ADG528F Datasheet HTML 5Page - Analog Devices ADG528F Datasheet HTML 6Page - Analog Devices ADG528F Datasheet HTML 7Page - Analog Devices ADG528F Datasheet HTML 8Page - Analog Devices ADG528F Datasheet HTML 9Page - Analog Devices ADG528F Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
REV. C
–6–
ADG508F/ADG509F/ADG528F
2000
1000
0
–15
–5
15
5
010
–10
500
1750
1500
1250
750
250
VD (VS) – Volts
+25 C
VDD = +15V
VSS = –15V
+125 C
+85 C
Figure 6. On Resistance as a Function of VD (VS) for
Different Temperatures
1m
1
1p
–50
–30
50
10
–20
20
–40
1n
30
40
100
10
10n
100n
10p
100p
–10
0
VIN – INPUT VOLTAGE – Volts
VDD = +15V
VSS = –15V
VD = 0V
60
OPERATING RANGE
Figure 7. Input Leakage Current as a Function of VS
(Power Supplies ON) During Overvoltage Conditions
0.3
0.2
–0.2
–14
–6
14
2
–2
6
–10
0.1
10
0.0
–0.1
VS, VD – Volts
IS (OFF)
ID (OFF)
ID (ON)
VDD = +15V
VSS = –15V
TA = +25 C
Figure 8. Leakage Currents as a Function of VD (VS)
100
10
0.01
25
45
125
65
55
75
35
1
115
0.1
TEMPERATURE – C
IS (OFF)
ID (OFF)
ID (ON)
VDD = +15V
VSS = –15V
VD = +10V
VS = –10V
85
95
105
Figure 9. Leakage Currents as a Function of Temperature
260
240
100
10
15
12
13
11
120
14
tON (EN)
VIN = +2V
220
200
180
160
140
VSUPPLY – Volts
tOFF (EN)
tTRANSITION
Figure 10. Switching Time vs. Power Supply
280
240
100
25
125
65
85
45
120
105
tON (EN)
220
200
180
160
140
TEMPERATURE – C
tOFF (EN)
tTRANSITION
260
VDD = +15V
VSS = –15V
VIN = +5V
Figure 11. Switching Time vs. Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com