Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3806JRU-12.5-R7 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3806JRU-12.5-R7
Description  High-Frequency Switch Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3806JRU-12.5-R7 Datasheet(HTML) 4 Page - Analog Devices

  ADP3806JRU-12.5-R7 Datasheet HTML 1Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 2Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 3Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 4Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 5Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 6Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 7Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 8Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. B
–4–
ADP3806
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADP3806 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Input Voltage (VCC) . . . . . . . . . . . . . . . . . . . –0.3 V to +25 V
BAT, CS+, CS– . . . . . . . . . . . . . . . . . –0.3 V to VCC + 0.3 V
SYS+, SYS– . . . . . . . . . . . . . . . . . . . . . . . . . . –25 V to +25 V
BST . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +30 V
BST to SW . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +8 V
SW to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . –4 V to +25 V
DRVL to PGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +8 V
ISET, BATSEL,
SD, SYNC, CT,
LIMIT, ISYS, LC . . . . . . . . . . . . . . . . . . . –0.3 V to +10 V
COMP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +3 V
GND to PGND . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
ORDERING GUIDE
Battery
Package
Package
Quantity
Model
Voltage
Description
Option
per Reel
ADP3806JRU-REEL
Adjustable
TSSOP-24
RU-24
2500
ADP3806JRU-REEL7
Adjustable
TSSOP-24
RU-24
1000
ADP3806JRU-12.5-RL
12.525 V/16.7 V
TSSOP-24
RU-24
2500
ADP3806JRUZ-12.5RL
*
12.525 V/16.7 V
TSSOP-24
RU-24
2500
ADP3806JRU-12.5-R7
12.525 V/16.7 V
TSSOP-24
RU-24
1000
ADP3806JRU-12.6-RL
12.600 V/16.8 V
TSSOP-24
RU-24
2500
ADP3806JRU-12.6-R7
12.600 V/16.8 V
TSSOP-24
RU-24
1000
*Z = Pb-free part.
Operating Ambient Temperature Range . . . . . . 0
∞C to 100∞C
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 115
∞C/W
Operating Junction Temperature Range . . . . . . 0
∞C to 125∞C
Storage Temperature Range . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (Soldering 10 sec) . . . . . . . . . 300
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Absolute maximum
ratings apply individually only, not in combination. Unless otherwise specified all
other voltages are referenced to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com