Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3806JRU-12.5-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3806JRU-12.5-R7
Description  High-Frequency Switch Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3806JRU-12.5-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3806JRU-12.5-R7 Datasheet HTML 4Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 5Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 6Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 7Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 8Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 9Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 10Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 11Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. B
–8–
ADP3806
80
82
84
86
88
90
92
94
96
98
100
0.1
1
10
CHARGE CURRENT (A)
VCC = 19V
VBAT = 12.4V
TA = 25 C
FIGURE 1
TPC 13. Conversion Efficiency vs. Charge Current
82
84
86
88
90
92
94
96
4
VBAT (V)
ICHARGE = 2A
ICHARGE = 3A
VCC = 19V
TA = 25 C
FIGURE 1
56
78
9
10
11
12
13
3
TPC 14. Conversion Efficiency vs. Battery Voltage
100
2
VBAT (V)
468
10
12
14
95
90
85
80
75
70
19VIN 85 C
19VIN 0 C
TPC 15. Conversion Efficiency vs. Battery Voltage
at Given Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com