Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADP3806JRU-12.5-R7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP3806JRU-12.5-R7
Description  High-Frequency Switch Mode Li-Ion Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3806JRU-12.5-R7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP3806JRU-12.5-R7 Datasheet HTML 6Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 7Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 8Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 9Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 10Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 11Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 12Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 13Page - Analog Devices ADP3806JRU-12.5-R7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
REV. B
–10–
ADP3806
Typical values of RCS range from 25 m
W to 50 mW, and the
input range of ISET is from 0 V to 4 V. If, for example, a 3 A
charger is required, RCS could be set to 40 m
W and VISET = 3 V.
The power dissipation in RCS should be kept below 500 mW.
In this example, the power is a maximum of 360 mW. Once
RCS has been chosen, the charge current can be adjusted during
operation with VISET. Lowering VISET to 125 mV gives a charge
current of 125 mA for trickle charging. Components R3, R4,
and C13 provide high frequency filtering for the current
sense signal.
Final Battery Voltage Control
As the battery approaches its final voltage, the ADP3806 switches
from CC mode to CV mode. The change is achieved by the
common output node of gm1 and gm2. Only one of the two
outputs controls the voltage at the COMP pin. Both amplifiers
can only pull down on COMP, such that when either amplifier
has a positive differential input voltage, its output is not active.
For example, when the battery voltage, VBAT, is low, gm2 does
not control VCOMP. When the battery voltage reaches the desired
final voltage, gm2 takes control of the loop, and the charge cur-
rent is reduced.
Amplifier gm2 compares the battery voltage to the internal refer-
ence voltage of 2.5 V. In the case of the ADP3806-12.5 and
ADP3806-12.6, an internal resistor divider sets the selectable
final battery voltage.
When BATSEL is high, the final battery voltage is set to three
cells (12.6 V or 12.525 V). BATSEL can be tied to REG for
this state. When BATSEL is tied to ground, VBAT equals four
cells (16.8 V or 16.7 V). BATSEL has a 2
mA pull-up current as
a fail-safe to select three cells when it is left open.
The reference and internal resistor divider are referenced to the
AGND pin, which should be connected close to the negative
terminal of the battery to minimize sensing errors.
In contrast, the ADP3806 requires external, precision resistors.
The divider ratio should be set to divide the desired final voltage
down to 2.5 V at the BAT pin
R
R
V
V
BATTERY
11
12
2 5
1
=
.
–
(2)
These resistors should have a parallel impedance of approximately
80 k
W to minimize bias current errors. When the ADP3806 is in
shutdown, an internal switch disconnects the BAT pin as shown
in Figure 2. This disconnects the resistor, R11, from the battery
and minimizes leakage. The resistance of the internal switch is
less than 200
W.
VREF
SD
BATTERY
R11
412k
0.1%
ADP3806
R12
102k
0.1%
BAT
BATSEL
gm2
Figure 2. Battery Sense Disconnect Circuit
Oscillator and PWM
The oscillator generates a triangle waveform between 1 V and
2.5 V, which is compared to the voltage at the COMP pin,
setting the duty cycle of the driver stage. When VCOMP is below
1 V, the duty cycle is zero. Above 2.5 V, the duty cycle reaches
its maximum.
MIN
OFF
TIME
BSTREG
BST
DRVH
SW
IN
DRVL
ADP3806
BOOTSTRAPPED
SYNCHRONOUS DRIVER
CBST
PGND
1V
1V
Q1
Q2
DELAY
DRVLSD
SD
DELAY
CMP3
CMP2
CMP1
+
–
+
–
+
–
Figure 3. Bootstrapped Synchronous Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com