Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT5260 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # ACT5260
Description  ACT5260PC-P10-POD FR4 Adapter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

ACT5260 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  ACT5260 Datasheet HTML 1Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 2Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 3Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 4Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 5Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 6Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 7Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 8Page - Aeroflex Circuit Technology ACT5260 Datasheet HTML 9Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
eroflex Circuit Technology – RISC TurboEngines For The Future © 9/15/97 SCD5260PC REV A
s
Allows potentially higher pipeline clock rates due to it multiplication of the input clock
by 2,3,4,5,6,7 or 8 compared to the 4XXX series method of multiplying the input clock
by only 2, then dividing it down by 2,3,4 etc for output system clock.
s
The RM5260 is a 3.3 volt device with 5 volt tolerant I/O’s.
s
It has a fully operational IEEE 1149.1 JTAG boundary scan interface.
s
On-board supply de-coupling capacitors and PLL filter network.
The Aeroflex ACT5260PC-P10-POD adapts a QED RM5260 MIPS microprocessor to an R4400PC,
R4600 or R4700 processor’s 179 pin PGA footprint. This product allows the evaluation of the latest
MIPS IV 5XXX series performance in existing 4XXX series hardware. Some of the performance
enhancements include:
ACT5260 FR4 Adapter
ACT5260PC-P10-POD
FR4 Adapter


Similar Part No. - ACT5260

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
ACT5260111111 AEROFLEX-ACT5260111111 Datasheet
119Kb / 8P
ACT5260 64-Bit Superscaler Microprocessor
More results

Similar Description - ACT5260

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD2099AR SONY-CXD2099AR Datasheet
105Kb / 1P
COMMON INTERFACE/POD CONTROLLER
logo
List of Unclassifed Man...
PC30070100A ETC2-PC30070100A Datasheet
336Kb / 7P
FR4 Penta-band GSM Antenna
logo
3M Electronics
P10-010PLT 3M-P10-010PLT Datasheet
59Kb / 2P
3M Board Stacking Connector System, P10 Series
logo
YAGEO Corporation
ANT1204F002R0433A YAGEO-ANT1204F002R0433A Datasheet
489Kb / 6P
FR4 Chip Antenna
logo
Taoglas antenna solutio...
PC31.07.0050A TAOGLAS-PC31.07.0050A Datasheet
429Kb / 7P
High Efficiency FR4 Antenna
logo
PHOENIX CONTACT
0825129 PHOENIX-0825129 Datasheet
60Kb / 2P
SK 5,0 REEL P10 WH CUS
logo
Adels-Contact
157011G ADELS-157011G Datasheet
123Kb / 1P
LEDtrack POD/11 GEH
157011O ADELS-157011O Datasheet
122Kb / 1P
LEDtrack POD/11 OT
157011U ADELS-157011U Datasheet
124Kb / 1P
LEDtrack POD/11 UT
logo
AVX Corporation
1002232 AVX-1002232 Datasheet
1Mb / 8P
ISM & WLAN FR4 Embedded Antenna
9/27/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com