Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8783GED/V Datasheet(PDF) 6 Page - Wolfson Microelectronics plc

Part # WM8783GED/V
Description  Stereo Low Power 96kHz ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8783GED/V Datasheet(HTML) 6 Page - Wolfson Microelectronics plc

Back Button WM8783GED/V Datasheet HTML 2Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 3Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 4Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 5Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 6Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 7Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
WM8783
Production Data
w
PD, August 2010, Rev 4.0
6
ELECTRICAL CHARACTERISTICS
Test Conditions
AVDD = 3.3V, GND = 0V, TA = +25
oC, 1kHz signal, fs = 48kHz, MCLK = 256fs unless otherwise stated. LRCLK transition
as per Figure 4.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Analogue Inputs (IN1L, IN1R)
Maximum input signal
level
Single-ended input
AVDD/3.3
Vrms
Input resistance
66
k
Ω
Input capacitance
20
pF
ADC Input Path Performance (Analogue Input to ADC)
Signal to Noise Ratio
SNR
A-weighted, fs = 48kHz
96
dB
Unweighted, fs = 48kHz
94
A-weighted, fs = 96kHz
96
Unweighted, fs = 96kHz
94
Total Harmonic
Distortion
THD
-1dBFS input, fs = 48kHz
-83
dB
-1dBFS input, fs = 96kHz
-83
Channel separation
(Left/Right)
85
dB
Power Supply Rejection
Ratio (with respect to
AVDD)
PSRR
1kHz 100mV pk-pk applied to
AVDD
50
dB
Digital Inputs / Outputs
Input high level
0.7 x AVDD
V
Input low level
0.3 x AVDD
V
Output high level
IOL = 1mA
0.9 x AVDD
V
Output low level
IOH = -1mA
0.1 x AVDD
V
Input capacitance
5
pF
Input leakage
-1
1
μA
Clocking
MCLK frequency
2.048
12.288
MHz
Analogue Reference Levels
Midrail Reference
Voltage
VMID
-4%
AVDD/2
+4%
V
VMID resistance to
Ground
RVMID
33
k
Ω
Current Consumption
AVDD Current
Consumption
IAVDD
Quiescent
fs = 48kHz, MCLK = 256fs
7.93
mA
Quiescent
fs = 96kHz, MCLK = 128fs
8.74
Quiescent
No clocks applied
0.24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com