Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM8783GED/V Datasheet(PDF) 12 Page - Wolfson Microelectronics plc

Part # WM8783GED/V
Description  Stereo Low Power 96kHz ADC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8783GED/V Datasheet(HTML) 12 Page - Wolfson Microelectronics plc

Back Button WM8783GED/V Datasheet HTML 8Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 9Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 10Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM8783GED/V Datasheet HTML 16Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
WM8783
Production Data
w
PD, August 2010, Rev 4.0
12
DIGITAL FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Passband
+/- 0.1dB
0
0.454 fs
-6dB
0.5fs
Passband Ripple
+/- 0.1
dB
Stopband
0.546s
Stopband Attenuation
f > 0.546 fs
-60
dB
Group Delay
16.5 / fs
s
TERMINOLOGY
1.
Stop Band Attenuation (dB) – the degree to which the frequency spectrum is attenuated (outside audio band)
2.
Pass-band Ripple – any variation of the frequency response in the pass-band region
ADC FILTER RESPONSE
MAGNITUDE(dB)
0
17.64k
35.28k
52.92k
70.56k
88.2k
105.8k
123.5k
141.1k
158.8k
176.4k
-200
-180
-160
-140
-120
-100
-80.01
-60.01
-40.01
-20
-2.2m
20
Figure 6 ADC Frequency Response up to 4 x fs (Sample rate, fs = 48kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com