Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5604SF2VLQ6 Datasheet(PDF) 21 Page - Freescale Semiconductor, Inc

Part # SPC5604SF2VLQ6
Description  MPC5606S Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5604SF2VLQ6 Datasheet(HTML) 21 Page - Freescale Semiconductor, Inc

Back Button SPC5604SF2VLQ6 Datasheet HTML 17Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 18Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 19Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 20Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 21Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 22Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 23Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 24Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 25Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 136 page
background image
Overview
MPC5606S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
21
The PDI features the following:
•
Supported color modes:
— 8-bit mono
— 8-bit color multiplexed
—RGB565
— 16-bit/18-bit RAW color
•
Supported synchronization modes:
— Embedded ITU-R BT.656-4 (RGB565 mode 2)
— HSYNC, VSYNC
— Data enable
•
Direct interface with DCU background plane FIFO
•
Synchronization generation for the DCU
1.5.26
Liquid Crystal Display (LCD) driver
The LCD driver module has two configurations allowing a maximum of 160 or 228 LCD segments:
•
As many as 40 frontplane drivers and four backplane drivers
•
As many as 38 frontplane drivers and six backplane drivers
Each segment is controlled and can be masked by a corresponding bit in the LCD RAM.
Four to six multiplex modes (1/1, 1/2, 1/3, 1/4, 1/5, 1/6 duty), and three bias (1/1, 1/2, 1/3) methods are available. All frontplane
and backplane pins can be multiplexed with other port functions.
The LCD driver module features the following:
•
Programmable frame clock generator from different clock sources:
— System clock
— Internal RC oscillator
•
Programmable bias voltage level selector
•
On-chip generation of all output voltage levels
— LCD voltage reference taken from main 5 V supply
•
LCD RAM – contains the data to be displayed on the LCD
— Data can be read from or written to the display RAM at any time
•
End-of-frame interrupt:
— Optimize data refresh without visual artifacts
— Selectable number of frames between each interrupt
•
Contrast adjustment using programmable internal voltage reference
•
Remapping capability of four or six backplanes with frontplanes
— Increases pin selection flexibility
•
In low-power modes, LCD operation can be suspended under software control; the LCD can also operate in low-power
modes, clocked by the internal 128 kHz IRC or external 32 KHz crystal oscillator
•
Selectable output current boost during transitions
1.5.27
Stepper Motor Controller (SMC)
The SMC module is a PWM motor controller suitable to drive instruments in a cluster configuration or any other loads requiring
a PWM signal. The motor controller has twelve PWM channels associated with two pins each (24 pins in total).
The SMC module includes the following features:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com