Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPC5604SF2VLQ6 Datasheet(PDF) 73 Page - Freescale Semiconductor, Inc

Part # SPC5604SF2VLQ6
Description  MPC5606S Microcontroller
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5604SF2VLQ6 Datasheet(HTML) 73 Page - Freescale Semiconductor, Inc

Back Button SPC5604SF2VLQ6 Datasheet HTML 69Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 70Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 71Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 72Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 73Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 74Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 75Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 76Page - Freescale Semiconductor, Inc SPC5604SF2VLQ6 Datasheet HTML 77Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 136 page
background image
Electrical characteristics
MPC5606S Microcontroller Data Sheet, Rev. 8
Freescale Semiconductor
73
Figure 11. Recommended order for powering down the power supplies
CAUTION
The VDD IO HV supply must be disabled after the VDDREG HV supply voltage drops
below 1.5 V. This is to ensure that the 1.2 V regulator shuts down before the 3.3 V regulator
shuts down.
3.7.5
Power-up inrush current profile
Figure 12 shows the power up inrush current profile of the ballast transistor under the worst possible startup condition (fastest
PVT and fastest power ramp time).
Figure 12. Power-up inrush current profile
VDDREG HV supply
 2.7 V
VDDREG HV POR (internal)
1.2 V regulator output
Soft startup (approx. 200
s)
VDD IO HV supply (3–5.5 V)
> 1.5 V
Time to discharge 40
F
Capacitance depends on load
1.2 V supply
Base control
Current profile
3–5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com