Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2605ZP66R Datasheet(PDF) 7 Page - Motorola, Inc

Part # MPC2605ZP66R
Description  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605ZP66R Datasheet(HTML) 7 Page - Motorola, Inc

Back Button MPC2605ZP66R Datasheet HTML 3Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 4Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 5Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 6Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 7Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 8Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 9Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 10Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 11Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
MPC2605
7
MOTOROLA
AC OPERATING CONDITIONS AND CHARACTERISTICS
(TJ = 20 to + 110°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
2 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Measurement Timing Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . .
Output Load
50
Ω Termination to 1.5 V
. . . . . . . . . . . . . . . . . . . . . . . .
AC CLOCK SPECIFICATIONS
P
Timing
MPC2605–66
Ui
N
Parameter
Timing
Reference
Min
Max
Unit
Notes
Frequency of Operation
—
66.67
MHz
Clock Cycle Time

15
—
ns
Clock Rise and Fall Time
, 
1.0
2.0
ns
1, 2
Clock Duty Cycle Measured at 1.5 V
40
60
%
Clock Short–Term Jitter (Cycle to Cycle)
—
± 150
ps
1
NOTES:
1. This parameter is sampled and not 100% tested.
2. Rise and fall times for the clock input are measured from 0.4 to 2.4 V.
VIH
VIL

VM
VM = Midpoint Voltage (1.5 V)

CLOCK INPUT TIMING DIAGRAM




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com