Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2605ZP66R Datasheet(PDF) 9 Page - Motorola, Inc

Part # MPC2605ZP66R
Description  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605ZP66R Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MPC2605ZP66R Datasheet HTML 5Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 6Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 7Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 8Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 9Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 10Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 11Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 12Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 13Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
MPC2605
9
MOTOROLA
MPC2605 RESPONSE TO 60X TRANSFER ATTRIBUTES
TT0 – TT4
TBST
CI
WT
Tag Status
MPC2605 Response
Notes
X1X10
0
1
X
Miss
Line–fill (processor read miss)
1, 2, 3
X1X10
0
1
X
Hit
L2 CLAIM, AACK, TA (processor read hit)
4
X1010
1
0
X
Hit Clean
Paradox — Invalidate the line (processor n–cacheable read hit
clean line)
X1010
1
0
X
Hit Dirty
Paradox — ARTRY, L2 BR, then write back data, invalidate the line
(processor n–cacheable read hit dirty line)
00110
0
1
X
Miss
Line–fill except right after a snoop hit to processor (processor write
miss)
1, 3, 5, 6
00110
0
1
1
Hit
L2 CLAIM, AACK, TA except after a snoop hit to processor
(processor write hit)
5, 6
00X10
X
1
0
Hit Clean
Cache update (processor write through WT hit clean)
00110
0
1
0
Hit Dirty
Cache update, clear dirty bit
00010
1
1
0
Hit Dirty
Paradox — ARTRY, L2 BR, write back data, keep valid, clear dirty
bit
X0010
1
0
X
Hit Clean
Paradox — Invalidate the line (processor n–cacheable write hit
clean line)
X0010
1
0
X
Hit Dirty
Paradox — ARTRY, L2 BR, then write back data, invalidate the line
(processor n–cacheable SB write hit dirty line)
00100
X
X
X
Hit Clean
Invalidate tag (flush block address–only)
00100
X
X
X
Hit Dirty
ARTRY, L2 BR, write back data, invalidate tag (flush block
address–only)
00000
X
X
X
Hit Clean
No action (clean block address–only)
00000
X
X
X
Hit Dirty
ARTRY, L2 BR, write back data, reset dirty bit (clean block
address–only)
01100
X
X
X
Hit
Invalidate tag (kill block address–only)
NOTES:
1. If a line fill is going to replace a dirty line and the cast out buffer (COB) is full, the line fill will be cancelled. (Unless the line fill is a write which
hits in the COB. In this case, the line fill will occur.)
2. If a burst read misses the cache but hits the COB, the MPC2605 will supply the data from the COB, but not perform a line fill.
3. If ARTRY is asserted during a line fill to replace a dirty line, the line fill will be cancelled, the to–be–replaced line will recover its old tag (valid,
dirty, tag field), and the COB goes back to an invalid condition, even if the line fill is a burst write to the line in the COB.
4. If ARTRY is asserted during a read hit, the MPC2605 will abort the process.
5. If a processor burst write occurs right after a snoop write that was a cache hit, the MPC2605 will invalidate the line. If the snoop was a cache
miss, the MPC2605 will not perform a write allocate.
6. If a processor burst write occurs right after a snoop read that was a cache hit, the MPC2605 will update the cache and clear the dirty bit.
If the snoop was a cache miss, the MPC2605 will perform a write allocate.
MPC2605 RESPONSE TO CHIPSET TRANSFER ATTRIBUTES
TT0 – TT4
Tag Status
MPC2605 Response
00100
X0010
X1110
Hit Clean
Invalidate line
00100
X0010
X1110
Hit Dirty
ARTRY and L2 BR write back data, invalidate line (see Note)
00000
X1010
Hit Clean
No action
00000
X1010
Hit Dirty
ARTRY and L2 BR, write back data, reset dirty bit (see Note)
0110X
00110
Hit
Invalidate (kill block)
NOTE: In all snoop push cases, BR is sampled the cycle after the ARTRY window. If BR is asserted in this cycle, L2 BR will be immediately negated
and an assertion of L2 BG will be ignored.
TRANSFER ATTRIBUTES GENERATED FOR L2 COPYBACK
TT0 – TT4
TBST
CI
WT
00010
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com