Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC2605ZP66R Datasheet(PDF) 24 Page - Motorola, Inc

Part # MPC2605ZP66R
Description  Integrated Secondary Cache for PowerPC Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC2605ZP66R Datasheet(HTML) 24 Page - Motorola, Inc

Back Button MPC2605ZP66R Datasheet HTML 20Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 21Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 22Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 23Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 24Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 25Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 26Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 27Page - Motorola, Inc MPC2605ZP66R Datasheet HTML 28Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
MPC2605
MOTOROLA
24
JTAG
AC OPERATING CONDITIONS AND CHARACTERISTICS
FOR THE TEST ACCESS PORT (IEEE 1149.1)
(TJ = 20 to + 110°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Rise/Fall Time
3 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output Measurement Timing Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . .
Output Load
50
Ω Termination to 1.5 V
. . . . . . . . . . . . . . . . . . . . . . . .
TAP CONTROLLER TIMING
P
Sb l
MPC2605–66
Ui
N
Parameter
Symbol
Min
Max
Unit
Notes
Cycle Time
tCK
30
—
ns
Clock High Time
tCKH
12
—
ns
1
Clock Low Time
tCKL
12
—
ns
1
Clock Low to Output Valid
tA
5
9
ns
Clock Low to Output High–Z
tCKZ
0
9
ns
2
Clock Low to Output Active
tCKX
0
9
ns
3, 4
Setup Times:
TMS
TDI
ts
tsd
2
—
ns
1
Hold Times:
TMS
TDI
th
thd
2
—
ns
1
NOTES:
1. This parameter is sampled and not 100% tested.
2. TDO will High–Z from a clock low edge depending on the current state of the TAP state machine.
3. TDO is active only in the SHIFT–IR and SHIFT–DR state of the TAP state machine.
4. Transition is measured
± 500 mV from steady–state voltage. This parameter is sampled and not 100% tested.
TDI TEST
DATA IN
TCK TEST
CLOCK
tCK
TDO TEST
DATA OUT
tH
tCKX
tSD
tS
tHD
tA
tCKZ
TMS TEST
MODE SELECT
tCKH
tCKL
Figure 10. TAP Controller Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com