Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZPSD301-B-90LI Datasheet(PDF) 74 Page - STMicroelectronics

Part # ZPSD301-B-90LI
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-90LI Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ZPSD301-B-90LI Datasheet HTML 70Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 71Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 72Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 73Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 74Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 75Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 76Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 77Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
71
Drawing U1 – 44-Pin Plastic Thin Quad Flatpack (TQFP) (Package Type U)
B
E1
E
1
D3
E3
D1
D
L
a
2
3
44
A2
A
A1
C
Index
Mark
e1
Standoff:
0.05 mm Min
Lead
Coplanarity:
0.102 mm Max.
Family: Plastic Thin Quad Flatpack (TQFP)
Millimeters
Inches
Symbol
Min
Max
Notes
Min
Max
Notes
α
0°
8°
0°
8°
A
–
1.60
–
0.063
A1
0.54
0.74
0.021
0.029
A2
1.15
1.55
0.045
0.061
B
0.35
Reference
0.014
Reference
C
0.09
0.20
0.004
0.008
D
15.75
16.25
0.620
0.640
D1
13.90
14.10
0.547
0.555
D3
10.00
Reference
0.394
Reference
E
15.75
16.25
0.620
0.640
E1
13.90
14.10
0.547
0.555
E3
10.00
Reference
0.394
Reference
e1
1.00
Reference
0.039
Reference
L
0.35
0.65
0.014
0.026
N44
44
030195R4
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com