Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZPSD301-B-90LI Datasheet(PDF) 51 Page - STMicroelectronics

Part # ZPSD301-B-90LI
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-90LI Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ZPSD301-B-90LI Datasheet HTML 47Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 48Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 49Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 50Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 51Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 52Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 53Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 54Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
PSD3XX Family
48
Figure 24. Timing of 16-Bit Multiplexed Address/Data Bus Using RD, WR (PSD3X1)
18
36
4
19
DATA VALID
CSI/A19
as CSI
12
5
1
7
15
32
32
14
14
6
6
10
9
ADDRESS A
ADDRESS B
2
3
8
13
2
16
17
12A
13
20
23
23
ADDRESS A
ADDRESS B
INPUT
INPUT
OUTPUT
OUTPUT
READ CYCLE
WRITE CYCLE
STABLE INPUT
STABLE INPUT
Direct (1)
PAD Input
Multiplexed (2)
Inputs
DATA
IN
A0/AD0-
A15/AD15
Active Low
ALE
Active High
ALE
RD/E as RD
BHE/PSEN
as BHE
Any of
PA0-PA7
as I/O Pin
Any of
PA0-PA7 Pins
as Address
Outputs
Any of
PB0-PB7
as I/O Pin
1
3
11
WR/VPP or
R/W as WR
32
See referenced notes on page 64.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com