Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZPSD301-B-90LI Datasheet(PDF) 75 Page - STMicroelectronics

Part # ZPSD301-B-90LI
Description  Low Cost Field Programmable Microcontroller Peripherals
PDF  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ZPSD301-B-90LI Datasheet(HTML) 75 Page - STMicroelectronics

Back Button ZPSD301-B-90LI Datasheet HTML 71Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 72Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 73Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 74Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 75Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 76Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 77Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 78Page - STMicroelectronics ZPSD301-B-90LI Datasheet HTML 79Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 85 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
- Obsolet
Obsolete
Product(s)
- Obsolete
Product(s)
- Obsolet
ST Part #
MCU
PLDs/Decoders
I/O
Memory
Other
PSD
ZPSD
ZPSD
8-Bit 16-Bit Interface Inputs Product
PLD
Page
Ports
Open
EPROM
SRAM
Peripheral
Security
@
@
@
Data
Data
Terms
Outputs
Reg.
Drain
Mode
5 V
5 V
2.7 V
PSD311R
ZPSD311R
X
STD
14
40
11
19
X
256Kb
X
X
PSD301R
ZPSD301R
X
X
STD
14
40
11
19
X
256Kb
X
X
PSD312R
ZPSD312R
X
STD
18
40
11
X
19
X
512Kb
X
X
PSD302R
ZPSD302R
X
X
STD
18
40
11
X
19
X
512Kb
X
X
PSD313R
ZPSD313R
X
STD
18
40
11
X
19
X
1024Kb
X
X
PSD303R
ZPSD303R
X
X
STD
18
40
11
X
19
X
1024Kb
X
X
PSD311
ZPSD311
ZPSD311V
X
STD
14
40
11
19
X
256Kb
16Kb
X
X
PSD301
ZPSD301
ZPSD301V
X
X
STD
14
40
11
19
X
256Kb
16Kb
X
X
PSD312
ZPSD312
ZPSD312V
X
STD
18
40
11
X
19
X
512Kb
16Kb
X
X
PSD302
ZPSD302
ZPSD302V
X
X
STD
18
40
11
X
19
X
512Kb
16Kb
X
X
PSD313
ZPSD313
ZPSD313V
X
STD
18
40
11
X
19
X
1024Kb
16Kb
X
X
PSD303
ZPSD303
ZPSD303V
X
X
STD
18
40
11
X
19
X
1024Kb
16Kb
X
X
22.1 PSD3XX Family – Selector Guide
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com