Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL70001ASEHFE Datasheet(PDF) 14 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 14 Page - Intersil Corporation

Back Button ISL70001ASEHFE Datasheet HTML 10Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 11Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 12Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 13Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 14Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 15Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 16Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 17Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 18Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
ISL70001ASEH
14
FN8365.0
May 22, 2013
To run the regulator from the internal oscillator, connect the M/S
pin to DVDD. In this case, the output of the internal oscillator
appears on the SYNC pin. To synchronize the regulator to the
SYNC output of another ISL70001ASEH regulator or to an SEE
hardened external clock, connect the M/S pin to DGND. In this
case, the SYNC pin is an input that accepts an external
synchronizing signal. When synchronizing multiple devices, Slave
regulators are synchronized 180° out-of-phase with respect to
the SYNC output of a Master regulator or to an external clock.
Operation Initialization
The ISL70001ASEH initializes based on the state of the power-on
reset (POR) monitor of the PVINx inputs and the state of the EN
input. Successful initialization prompts a soft-start interval, and
the regulator begins slowly ramping the output voltage. Once the
commanded output voltage is within the proper window of
operation, the power-good signal changes state from low to high,
indicating proper regulator operation.
Power-On Reset
The POR circuitry prevents the controller from attempting to
soft-start before sufficient bias is present at the PVINx pins.
The POR threshold of the PVINx pins is controlled by the PORSEL
pin. For a nominal 5V supply voltage, PORSEL should be
connected to DVDD. For a nominal 3.3V supply voltage, PORSEL
should be connected to DGND. For nominal supply voltages
between 5V and 3.3V, PORSEL should be connected to DGND.
The POR rising and falling thresholds are shown in the “Electrical
Specifications” table on page 8.
Hysteresis between the rising and falling thresholds ensures that
small perturbations on PVINx seen during turn-on/turn-off of the
regulator do not cause inadvertent turn-off/turn-on of the
regulator. When the PVINx pins are below the POR rising
threshold, the internal synchronous power MOSFET switches are
turned off, and the LXx pins are held in a high-impedance state.
Enable and Disable
After the POR input requirement is met, the ISL70001ASEH
remains in shutdown until the voltage at the enable input rises
above the enable threshold. As shown in Figure 23, the enable
circuit features a comparator type input. In addition to simple
logic on/off control, the enable circuit allows the level of an
external voltage to precisely gate the turn-on/turn-off of the
regulator. An internal IEN current sink with a typical value of
11µA is only active when the voltage on the EN pin is below the
enable threshold. The current sink pulls the EN pin low. As VIN2
rises, the enable level is not set exclusively by the resistor divider
from VIN2.
With the current sink active, the enable level is defined by
Equation 4. R1 is the resistor from the EN pin to VIN2 and R2 is
the resistor from the EN pin to the AGND pin.
Once the voltage at the EN pin reaches the enable threshold, the
IEN current sink turns off.
With the part enabled and the IEN current sink off, the disable
level is set by the resistor divider. The disable level is defined by
Equation 5.
The difference between the enable and disable levels provides
adjustable hysteresis so that noise on VIN2 does not interfere
with the enabling or disabling of the regulator.
To mitigate SEE, the EN pin should be bypassed to the AGND pin
with a 10nF ceramic capacitor.
Soft-Start
Once the POR and enable circuits are satisfied, the regulator
initiates a soft-start. Figure 24 shows that the soft-start circuit
clamps the error amplifier reference voltage to the voltage on an
external soft-start capacitor connected to the SS pin.
VENABLE
VR 1
R1
R2
-------
+
⋅
IEN R1
⋅
+
=
(EQ. 4)
FIGURE 23. ENABLE CIRCUIT
-
+
VR
EN
PVINx
VIN1
POR
LOGIC
VIN2
R1
R2
IEN
ENABLE
COMPARATOR
CEN
VR = 0.6V
IEN = 11µA
CEN = 10nF
VDISABLE
VR 1
R1
R2
-------
+
⋅
=
(EQ. 5)
FIGURE 24. SOFT-START CIRCUIT
-
+
VREF
FB
PWM
LOGIC
ISS
ERROR
AMPLIFIER
REF
CREF
VOUT
RT
RB
+
SS
CSS
VREF = 0.6V
ISS = 23µA
RD
RD = 2.2Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com