Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AC82GL40-SLB95 Datasheet(PDF) 78 Page - Intel Corporation

Part # AC82GL40-SLB95
Description  Intel짰 Celeron짰 Mobile Processor Dual-Core on 45-nm Process
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AC82GL40-SLB95 Datasheet(HTML) 78 Page - Intel Corporation

Back Button AC82GL40-SLB95 Datasheet HTML 74Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 75Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 76Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 77Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 78Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 79Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 80Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 81Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 82Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 98 page
background image
Package Mechanical Specifications and Pin Information
78
Datasheet
FERR#/PBE#
Output
FERR# (Floating-point Error)/PBE#(Pending Break Event) is a multiplexed signal
and its meaning is qualified with STPCLK#. When STPCLK# is not asserted, FERR#/
PBE# indicates a floating point when the processor detects an unmasked floating-
point error. FERR# is similar to the ERROR# signal on the Intel 387 coprocessor,
and is included for compatibility with systems using MS-DOS*-type floating-point
error reporting. When STPCLK# is asserted, an assertion of FERR#/PBE# indicates
that the processor has a pending break event waiting for service. The assertion of
FERR#/PBE# indicates that the processor should be returned to the Normal state.
When FERR#/PBE# is asserted, indicating a break event, it remains asserted until
STPCLK# is deasserted. Assertion of PREQ# when STPCLK# is active also causes
an FERR# break event.
For additional information on the pending break event functionality, including
identification of support of the feature and enable/disable information, refer to
Volumes 3A and 3B of the Intel® 64 and IA-32 Architectures Software Developer’s
Manual and the Intel® Processor Identification and CPUID Instruction application
note.
GTLREF
Input
GTLREF determines the signal reference level for AGTL+ input pins. GTLREF should
be set at 2/3 VCCP. GTLREF is used by the AGTL+ receivers to determine if a signal
is a logical 0 or logical 1.
HIT#
HITM#
Input/
Output
Input/
Output
HIT# (Snoop Hit) and HITM# (Hit Modified) convey transaction snoop operation
results. Either FSB agent may assert both HIT# and HITM# together to indicate
that it requires a snoop stall, which can be continued by reasserting HIT# and
HITM# together.
IERR#
Output
IERR# (Internal Error) is asserted by a processor as the result of an internal error.
Assertion of IERR# is usually accompanied by a SHUTDOWN transaction on the
FSB. This transaction may optionally be converted to an external error signal (e.g.,
NMI) by system core logic. The processor keeps IERR# asserted until the assertion
of RESET#, BINIT#, or INIT#.
IGNNE#
Input
IGNNE# (Ignore Numeric Error) is asserted to force the processor to ignore a
numeric error and continue to execute noncontrol floating-point instructions. If
IGNNE# is deasserted, the processor generates an exception on a noncontrol
floating-point instruction if a previous floating-point instruction caused an error.
IGNNE# has no effect when the NE bit in control register 0 (CR0) is set.
IGNNE# is an asynchronous signal. However, to ensure recognition of this signal
following an Input/Output write instruction, it must be valid along with the TRDY#
assertion of the corresponding Input/Output Write bus transaction.
INIT#
Input
INIT# (Initialization), when asserted, resets integer registers inside the processor
without affecting its internal caches or floating-point registers. The processor then
begins execution at the power-on Reset vector configured during power-on
configuration. The processor continues to handle snoop requests during INIT#
assertion. INIT# is an asynchronous signal. However, to ensure recognition of this
signal following an Input/Output Write instruction, it must be valid along with the
TRDY# assertion of the corresponding Input/Output Write bus transaction. INIT#
must connect the appropriate pins of both FSB agents.
If INIT# is sampled active on the active to inactive transition of RESET#, then the
processor executes its Built-in Self-Test (BIST)
Table 22.
Signal Description (Sheet 4 of 7)
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com