Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AC82GL40-SLB95 Datasheet(PDF) 13 Page - Intel Corporation

Part # AC82GL40-SLB95
Description  Intel짰 Celeron짰 Mobile Processor Dual-Core on 45-nm Process
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AC82GL40-SLB95 Datasheet(HTML) 13 Page - Intel Corporation

Back Button AC82GL40-SLB95 Datasheet HTML 9Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 10Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 11Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 12Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 13Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 14Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 15Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 16Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 17Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
Datasheet
13
Low Power Features
2.1.1.3
C1/MWAIT Powerdown State
C1/MWAIT is a low-power state entered when the processor core executes the MWAIT
instruction. Processor behavior in the C1/MWAIT state is identical to the C1/AutoHALT
state except that there is an additional event that can cause the processor core to
return to the C0 state: the Monitor event. See the Intel® 64 and IA-32 Intel®
Architecture Software Developer's Manual, Volume 2A/2B: Instruction Set Reference
for more information.
2.1.1.4
Core C2 State
The core of the processor can enter the C2 state by initiating a P_LVL2 I/O read to the
P_BLK or an MWAIT(C2) instruction, but the processor does not issue a Stop Grant
Acknowledge special bus cycle unless the STPCLK# pin is also asserted.
The processor in C2 state processes only the bus snoops. The processor enters a
snoopable sub-state (not shown in Figure 2) to process the snoop and then return to
the C2 state.
2.1.1.5
Core C3 State
Core C3 state is a very low-power state the processor core can enter while maintaining
context. The core of the processor can enter the C3 state by initiating a P_LVL3 I/O
read to the P_BLK or an MWAIT(C3) instruction. Before entering the C3 state, the
processor core flushes the contents of its L1 cache into the processor’s L2 cache.
Except for the caches, the processor core maintains all its architectural state in the C3
state. The Monitor remains armed if it is configured. All of the clocks in the processor
core are stopped in the C3 state.
Because the core’s caches are flushed, the processor keeps the core in the C3 state
when the processor detects a snoop on the FSB. The processor core transitions to the
C0 state upon the occurrence of a Monitor event, SMI#, INIT#, LINT[1:0] (NMI, INTR),
or FSB interrupt message. RESET# causes the processor core to immediately initialize
itself.
2.1.1.6
Core C4 State
Individual cores of the dual-core processor that have C4 can enter the C4 state by
initiating a P_LVL4 I/O read to the P_BLK or an MWAIT(C4) instruction. The processor
core behavior in the C4 state is nearly identical to the behavior in the C3 state. The
only difference is that if both processor cores are in C4, the central power management
logic will request that the entire processor enter the Deeper Sleep package low-power
state (see Section 2.1.2.6)
2.1.2
Package Low-Power States
Package level low-power states are applicable to the processor.
2.1.2.1
Normal State
This is the normal operating state for the processor. The processor enters the Normal
state when the core is in the C0, C1/AutoHALT, or C1/MWAIT state.
2.1.2.2
Stop-Grant State
When the STPCLK# pin is asserted the core of the processor enters the Stop-Grant
state within 20 bus clocks after the response phase of the processor-issued Stop Grant
Acknowledge special bus cycle. When the STPCLK# pin is deasserted the core returns
to the previous core low-power state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com