Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AC82GL40-SLB95 Datasheet(PDF) 29 Page - Intel Corporation

Part # AC82GL40-SLB95
Description  Intel짰 Celeron짰 Mobile Processor Dual-Core on 45-nm Process
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

AC82GL40-SLB95 Datasheet(HTML) 29 Page - Intel Corporation

Back Button AC82GL40-SLB95 Datasheet HTML 25Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 26Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 27Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 28Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 29Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 30Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 31Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 32Page - Intel Corporation AC82GL40-SLB95 Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
Datasheet
29
Electrical Specifications
Table 8 lists the DC specifications for the processor and are valid only while meeting
specifications for junction temperature, clock frequency, and input voltages. The
Highest Frequency Mode (HFM) and Lowest Frequency Mode (LFM) refer to the highest
and lowest core operating frequencies supported on the Genuine Intel Processor. Unless
specified otherwise, all specifications for the processor are at Tjunction =100 ºC. Care
should be taken to read all notes associated with each parameter.
NOTES:
1.
Each processor is programmed with a maximum valid voltage identification value (VID), which is set at
manufacturing and can not be altered. Individual maximum VID values are calibrated during
manufacturing such that two processors at the same frequency may have different settings within the VID
range. Note that this differs from the VID employed by the processor during a power management event
(ex: Extended Halt State).
2.
The voltage specifications are assumed to be measured across VCCSENSE and VSSSENSE pins at socket with a
100-MHz bandwidth oscilloscope, 1.5-pF maximum probe capacitance, and 1-mΩ minimum impedance.
The maximum length of ground wire on the probe should be less than 5 mm. Ensure external noise from
the system is not coupled in the scope probe.
3.
Specified at 100°C Tj.
4.
Specified at nominal VCC.
Table 8.
Voltage and Current Specifications for the Ultra Low Voltage Dual-Core 1M
Cache Intel Celeron SFF Genuine Intel Processor
Symbol
Parameter
Min
Typ
Max
Unit
Notes
VCC
VCC of the Processor Core
0.8
1.1
V
1, 2
VCC,BOOT
Default VCC Voltage for Initial Power Up
—
1.20
—
V
2, 8
VCCP
AGTL+ Termination Voltage
1.00
1.05
1.10
V
VCCA
PLL Supply Voltage
1.425
1.5
1.575
V
ICCDES
ICC for Processors Recommended Design Target
——
18
A
5
ICC
ICC for processors
A
Processor
Number
Frequency
Die Variant
SU2300
1.2GHz
1MB
17.6
A
3, 4
IAH,
ISGNT
ICC Auto-Halt & Stop-Grant
——
6.3
A3, 4
ISLP
ICC Sleep
——
5.9
A3, 4
IDSLP
ICC Deep Sleep
——
5.0
A
3, 4
IDPRSLP
ICC Deeper Sleep
——
3.2
A
3, 4
dICC/DT
VCC Power Supply Current Slew Rate at
Processor Package Pin
—
—
600
A/µs
7
ICCA
ICC for VCCA Supply
—
—
130
mA
ICCP
ICC for VCCP Supply before VCC Stable
ICC for VCCPSupply after VCC Stable
——
4.5
2.5
A
A
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com